Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC84SS014FF Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # BC84SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC84SS014FF Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button BC84SS014FF Datasheet HTML 7Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 9Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 10Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 11Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 12Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 13Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 14Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 15Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
USB Cable Assemblies
Cable Catalog
USB Type A to Micro B
Bel Part Number Performance Connector End A Connector End B
Lengths Available (XXX)
Shielded Color
SC-2AMKXXXF
USB 2.0
A Male 
Micro B Male
003 = 3ft
(XXX)
006 = 6ft
(XXX)
Yes
Black
SC-3ATKXXXF
USB 3.0
A Male
Micro B Male
001 = 1ft
(XXX)
003 = 3ft
(XXX)
006 = 6ft
(XXX)
Yes
Black
USB Type A to Mini B
Bel Part Number Performance Connector End A Connector End B
Lengths Available (XXX)
Shielded Color
SC-2ANKXXXF
USB 2.0
A Male 
Mini B Male
003 = 3ft
(XXX)
006 = 6ft
(XXX)
010 = 10ft
(XXX)
Yes
Black
USB Type C to Micro B
Bel Part Number Performance Connector End A Connector End B
Lengths Available (XXX)
Shielded Color
SC-2CMKXXXM
USB 2.0
C Male 
Micro B Male
010 = 1m
(XXX)
020 = 2m
(XXX)
Yes
Black
USB Type C to Type C
Bel Part Number Performance Connector End A Connector End B
Lengths Available (XXX)
Shielded Color
SC-3CCKXXXM
USB 3.1
C Male 
C Male 
010 = 1m
(XXX)
Yes
Black
USB Type C to Type A
Bel Part Number Performance Connector End A Connector End B
Lengths Available (XXX)
Shielded Color
SC-2CAKXXXM
USB 2.0
C Male 
A Male 
010 = 1m
(XXX)
020 = 2m
(XXX)
Yes
Black
SC-3CAKXXXM
USB 3.0
C Male
A Male
010 = 1m
(XXX)
Yes
Black
ss
ss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com