Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC84SS014FF Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # BC84SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC84SS014FF Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button BC84SS014FF Datasheet HTML 3Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 4Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 5Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 6Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 7Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 9Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 10Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
Cat 6 Reduced Diameter (28 AWG) Channel Compliant
Patch Cords
Description
Bel’s Cat 6 channel compliant reduced diameter patch cords support voice communications and the transmission of 1G,
2.5G and 5G data speeds. The 28 AWG patch cords are ideal for high density data center applications where increased
airflow and reduced congestion are beneficial. Bel’s reduced diameter patch cords feature UL rated CM jacket material in
multiple lengths and colors, along with color-matching slim line snagless strain relief boots.
Bel Part Number
Rating
Shielded
Color
Lengths Available AWG Size
ft
m
BC-R6UE001F
Cat 6
No
Blue
1ft
0.30m
28 AWG (Reduced Diameter)
BC-R6UE003F
Cat 6
No
Blue
3ft
0.91m
28 AWG (Reduced Diameter)
BC-R6UE005F
Cat 6
No
Blue
5ft
1.52m
28 AWG (Reduced Diameter)
BC-R6UE007F
Cat 6
No
Blue
7ft
2.13m
28 AWG (Reduced Diameter)
BC-R6UE010F
Cat 6
No
Blue
10ft
3.04m
28 AWG (Reduced Diameter)
BC-R6UE015F
Cat 6
No
Blue
15ft
4.57m
28 AWG (Reduced Diameter)
Cable Catalog
BM = Cable Assembly Family
E = Blue
F
B M
R 6U
R6U = Cat 6 28 AWG U/UTP
Rating
Part Number
Color
E
F = Feet
UOM
XXX
Length
001F = 1ft 003F = 3ft 005F = 5ft
007F = 7ft 010F = 10ft 015F = 15ft



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com