Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC84SS014FF Datasheet(PDF) 12 Page - Bel Fuse Inc.

Part # BC84SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC84SS014FF Datasheet(HTML) 12 Page - Bel Fuse Inc.

Back Button BC84SS014FF Datasheet HTML 8Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 9Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 10Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 11Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 12Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 13Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 14Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 15Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 16Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
SC = Cable Assembly Family
F
XXX
SC
2 A A
2AAE = USB 2.0 Type A Male to A Male
2ABE = USB 2.0 Type A Male to B Male
2AMK = USB 2.0 Type A Male to Micro B Male
2ANK = USB 2.0 Type A Male to Mini B Male 5-Pin
3AAK = USB 3.0 Type A Male to A Male
3ABK = USB 3.0 Type A Male to B Male
2CAK = USB 2.0 Type C Male to A Male
2CMK = USB 2.0 Type C Male to Micro B Male
3CCK = USB 3.1 Type C Male to C Male
3CAK = USB 3.1 Type C Male to A Male
2ADK = USB 2.0 Type A to Free Cable End
3APK = USB 3.0 Type A Male to Type A Female Panel Mount
2APK = USB 2.0 Type A Male to Type A Female Panel Mount
2AZK = USB 2.0 Type A Male to MiFi C89
2AZW = USB 2.0 Type A Male to MiFi C89
Connector Performance
Part Number
F = Feet
M = Meters
UOM
001F = 1ft
003F = 3ft
006F = 6ft
010F = 10ft
016F = 16ft
010M = 1m
020M = 2m
Length
USB Cable Assemblies
Cable Catalog
USB Type A to Type A Panel Mount
Bel Part Number Performance Connector End A Connector End B
Lengths Available (XXX)
Shielded
Color
SC-3APKXXXF
USB 3.0
A Male
Panel Mount A Female
001 = 1ft
(XXX)
Yes
Black
SC-2APKXXXF
USB 2.0
A Male
Panel Mount A Female
001 = 1ft
(XXX)
Yes
Black
USB to Lightening Cable Assemblies
Bel Part Number Performance Connector End A
Connector End B
Lengths Available (XXX)
Shielded
Color
SC-2AZK003F
USB 2.0
USB Type-A Male
MiFi C89
003 = 3ft
(XXX)
Yes
Black
SC-2AZK006F
USB 2.0
USB Type-A Male
MiFi C89
006 = 6ft
(XXX)
Yes
White
SC-2AZW003F
USB 2.0
USB Type-A Male
MiFi C89
003 = 3ft
(XXX)
Yes
Black
SC-2AZW006F
USB 2.0
USB Type-A Male
MiFi C89
006 = 6ft
(XXX)
Yes
White
E
E = Beige
K = Black
W = White
Color



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com