Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC84SS014FF Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # BC84SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC84SS014FF Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button BC84SS014FF Datasheet HTML 9Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 10Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 11Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 12Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 13Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 14Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 15Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 16Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 17Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
Fiber Optic Cable Assemblies
Description
Bel’s fiber optic cables are designed to be used in high flex environments due to the tight buffered cable design.
All of Bel’s fiber optic assemblies are built with Duplex fiber cable with PVC jackets. These fiber optic cables offer a
variety of single and multimode configurations for varying high-speed, high-bandwidth applications. Both single and
multimode assemblies are available at lengths of 1m, 2m, 3m, 4m and 5m. Single mode assemblies have a cable
diameter of 2.0mm and multimode assemblies have a cable diameter of 3.0mm. Color configurations are dependent
on end configurations. These cables are also backward compatible with legacy LANs.
LC to LC
Bel Part Number
Description
Type
Lengths Available (XXX)
LCLC-6DTPXXX
LC to LC, Orange Cable with Beige Boot MM, 62.5/125, OM1
010 = 1.0m
(XXX)
020 = 2.0m
(XXX)
030 = 3.0m
(XXX)
050 = 5.0m
(XXX)
LCLC-3DTPXXX
LC to LC, Aqua Cable with Aqua Boot
MM, 50/125, OM3
010 = 1.0m
(XXX)
020 = 2.0m
(XXX)
030 = 3.0m
(XXX)
050 = 5.0m
(XXX)
LCLC-SDTPXXX
LC to LC, Yellow Cable with Blue Boot
SM, 9/125, OM2
010 = 1.0m
(XXX)
020 = 2.0m
(XXX)
030 = 3.0m
(XXX)
050 = 5.0m
(XXX)
SC to LC
Bel Part Number
Description
Type
Lengths Available (XXX)
SCLC-6DTPXXX
SC to SC, Orange Cable with Beige Boot MM, 62.5/125, OM1
010 = 1.0m
(XXX)
020 = 2.0m
(XXX)
030 = 3.0m
(XXX)
050 = 5.0m
(XXX)
SCLC-3DTPXXX
SC to LC, Aqua Cable with Aqua Boot
MM, 50/125, OM3
010 = 1.0m
(XXX)
020 = 2.0m
(XXX)
030 = 3.0m
(XXX)
050 = 5.0m
(XXX)
SCLC-SDTPXXX
SC to LC, Yellow Cable with Blue Boot
SM, 9/125, OM2
010 = 1.0m
(XXX)
020 = 2.0m
(XXX)
030 = 3.0m
(XXX)
050 = 5.0m
(XXX)
SC to SC
Bel Part Number
Description
Type
Lengths Available (XXX)
SCSC-6DTPXXX
SC to SC, Orange Cable with Beige Boot MM, 62.5/125, OM1
010 = 1.0m
(XXX)
020 = 2.0m
(XXX)
030 = 3.0m
(XXX)
050 = 5.0m
(XXX)
SCSC-SDTPXXX
SC to SC, Yellow Cable with Blue Boot
SM, 9/125, OM2
010 = 1.0m
(XXX)
020 = 2.0m
(XXX)
030 = 3.0m
(XXX)
050 = 5.0m
(XXX)
ST to ST
Bel Part Number
Description
Type
Lengths Available (XXX)
STST-6DTPXXX
ST to ST, Orange Cable with Beige Boot MM, 62.5/125, OM1
010 = 1.0m
(XXX)
020 = 2.0m
(XXX)
030 = 3.0m
(XXX)
050 = 5.0m
(XXX)
Cable Catalog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com