Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE100A Datasheet(PDF) 60 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 56Page - STMicroelectronics STE100A Datasheet HTML 57Page - STMicroelectronics STE100A Datasheet HTML 58Page - STMicroelectronics STE100A Datasheet HTML 59Page - STMicroelectronics STE100A Datasheet HTML 60Page - STMicroelectronics STE100A Datasheet HTML 61Page - STMicroelectronics STE100A Datasheet HTML 62Page - STMicroelectronics STE100A Datasheet HTML 63Page - STMicroelectronics STE100A Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
Registers and descriptors description
STE10/100A
60/82
12
10FD
10BASE-T full duplex ability.
Always 1, since STE10/100A has 10Base-T full
duplex ability.
1RO
11
10HD
10BASE-T half duplex ability.
Always 1, since STE10/100A has 10Base-T half
duplex ability.
1RO
10~6
---
Reserved
0RO
5ANC
Auto-negotiation completed.
0: Auto-negotiation process incomplete.
1: Auto-negotiation process complete.
0RO
4RF
Result of remote fault detection.
0: no remote fault condition detected.
1: remote fault condition detected.
0RO/LH*
3AN
Auto-negotiation ability.
Always 1, since STE10/100A has auto-
negotiation ability.
1RO
2LINK
Link status.
0: a link failure condition occurred. Readin clears
this bit.
1: valid link established.
0RO/LL*
1JAB
Jabber detection.
1: jabber condition detected (10Base-T only).
0RO/LH*
0
EXT
Extended register support.
Always 1, since STE10/100A supports extended
register
1RO
LL* = Latching Low and clear by read. LH* = Latching High and clear by read.
XR2(offset = bch) - PID1, PHY identifier 1
15~0
PHYID1
Part one of PHY identifier.
Assigned to the 3rd to 18th bits of the
Organizationally Unique Identifier (The ST OUI
is 0080E1 hex).
1C04h
RO
XR3(offset = c0h) - PID2, PHY identifier 2
15~10
PHYID2
Part two of PHY identifier.
Assigned to the 19th to 24th bits of the
organizationally unique identifier (OUI).
000000b
RO
9~4
MODEL
Model number of STE10/100A.
6-bit manufacturer’s model number.
000001b
RO
3~0
REV
Revision number of STE10/100A.
4-bits manufacturer’s revision number.
0000b
RO
Table 10.
Transceiver registers description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com