Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE100A Datasheet(PDF) 40 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 36Page - STMicroelectronics STE100A Datasheet HTML 37Page - STMicroelectronics STE100A Datasheet HTML 38Page - STMicroelectronics STE100A Datasheet HTML 39Page - STMicroelectronics STE100A Datasheet HTML 40Page - STMicroelectronics STE100A Datasheet HTML 41Page - STMicroelectronics STE100A Datasheet HTML 42Page - STMicroelectronics STE100A Datasheet HTML 43Page - STMicroelectronics STE100A Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
Registers and descriptors description
STE10/100A
40/82
Table 8.
Control/status register description
Bit #
Name
Description
Default
RW type
CSR0 (offset = 00h), PAR - PCI access register
31~25
---
Reserved
24
MWIE
Memory write and invalidate enable.
1: enable STE10/100A to generate memory
write invalidate command. The STE10/100A will
generate this command while writing full cache
lines.
0: disable generating memory write invalidate
command. The STE10/100A will use memory
write commands instead.
0R/W*
23
MRLE
Memory read line enable.
1: enable STE10/100A to generate memory read
line command when read access instruction
reaches the cache line boundary. If the read
access instruction doesn’t reach the cache line
boundary then the STE10/100A uses the
memory read command instead.
0R/W*
22
---
Reserved
21
MRME
Memory read multiple enable.
1: enable STE10/100A to generate memory read
multiple commands when reading a full cache
line. If the memory is not cache-aligned, the
STE10/100A uses the memory read command
instead.
0R/W*
20~19
---
Reserved
18,17
TAP
Transmit auto-polling in transmit suspended
state.
00: disable auto-polling (default)
01: polling own-bit every 200 us
10: polling own-bit every 800 us
11: polling own-bit every 1600 us
00
R/W*
16
---
Reserved
15, 14
CAL
Cache alignment. Address boundary for data
burst, set after reset
00: reserved (default)
01: 8 DW boundary alignment
10: 16 DW boundary alignment
11: 32 DW boundary alignment
00
R/W*
13 ~ 8
PBL
Programmable burst length. This value defines
the maximum number of DW to be transferred in
one DMA transaction.
Value: 0 (unlimited), 1, 2, 4, 8, 16 (default), 32
000000
R/W*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com