Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE100A Datasheet(PDF) 29 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 25Page - STMicroelectronics STE100A Datasheet HTML 26Page - STMicroelectronics STE100A Datasheet HTML 27Page - STMicroelectronics STE100A Datasheet HTML 28Page - STMicroelectronics STE100A Datasheet HTML 29Page - STMicroelectronics STE100A Datasheet HTML 30Page - STMicroelectronics STE100A Datasheet HTML 31Page - STMicroelectronics STE100A Datasheet HTML 32Page - STMicroelectronics STE100A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
STE10/100A
Functional description
29/82
D3hot (Software visible D3)
When the STE10/100A is brought back to D0 from D3hot the software must perform a full
initialization.
The STE10/100A in the D3hot state responds to configuration cycles as long as power and
clock are supplied. This requires the device to perform an internal reset and return to a
power-up reset condition without the RST# pin asserted.
Table 3.
Power stage
Device
state
PCI bus
state
Function
context
Clock
Power
Supported
actions to
function
Supported
actions from
function
D0
B0
Full function context
in place
Full speed
Full
power
Any PCI
transaction
Any PCI
transaction or
interrupt
D1
B0, B1
Configuration
maintained. No Tx
and Rx except wake-
up events
Stopped to
full speed
PCI
configuration
access
Only wake-up
events
D2
B0, B1,
B2
Configuration
maintained. No Tx
and Rx
Stopped to
full speed
PCI
configuration
access(B0, B1)
D3hot
B0, B1,
B2
Configuration lost,
full initialization
required upon return
to D0
Stopped to
full speed
PCI
configuration
access(B0, B1)
D3cold
B3
All configuration lost.
Power-on defaults in
place on return to
D0
No clock
No
power
Power-on reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com