Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE100A Datasheet(PDF) 22 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 18Page - STMicroelectronics STE100A Datasheet HTML 19Page - STMicroelectronics STE100A Datasheet HTML 20Page - STMicroelectronics STE100A Datasheet HTML 21Page - STMicroelectronics STE100A Datasheet HTML 22Page - STMicroelectronics STE100A Datasheet HTML 23Page - STMicroelectronics STE100A Datasheet HTML 24Page - STMicroelectronics STE100A Datasheet HTML 25Page - STMicroelectronics STE100A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
Functional description
STE10/100A
22/82
End-of-stream delimiter-ESD (/T/R/)
In order to indicate the termination of normal data transmissions, the transceiver will insert 2
nibbles of /T/R/ code-group after the last nibble of the FCS.
Scrambling
All the encoded data (including the idle, SSD, and ESD code-groups) is passed to the data
scrambler to reduce EMI by spreading the power spectrum using a 10-bit scrambler seed
loaded at the beginning.
Data conversion of parallel to serial, NRZ to NRZI, NRZI to MLT3
After being scrambled, the 5B type transmission data at 25MHz will be converted to a
125HMz serial bit stream by the parallel-to-serial function. The bit stream will be further
converted from NRZ to NRZI format, unless the conversion function is bypassed by clearing
ENRZI (bit 7 of XR10) to 0. After NRZI conversion, the NRZI bit stream is passed through
MLT3 encoder to generate the TP-PMD specified MLT3 code. By using MLT3 code, the
frequency and energy content of the transmission signal is reduced in the UTP, making the
system more easily compliant to FCC EMI specifications.
Wave-shaper and media signal driver
In order to reduce the energy of the harmonic frequency of transmission signals, the
transceiver provides a wave-shaper prior the line driver to smooth the rising/falling edge of
transmission signals while maintaining the waveforms’ symmetry. The 100BASE-TX and
10BASE-T wave-shaped signals are both passed to the same media signal driver. This can
simplify system design by employing a single external magnetic connection.
100BASE-TX receiving operation
For 100BASE-TX receiving operation, the transceiver provides the receiving functions of
PMD, PMA, and PCS for incoming data signals through category 5 UTP cable and an
isolation transformer with a 1:1 turns ratio. The receive transceiver portion includes the
adaptive equalizer and baseline wander, MLT3 to NRZI data conversion, NRZI to NRZ
conversion, serial to parallel conversion, a PLL for clock and data recovery, de-scrambler,
and the 5B/4B decoder.
Adaptive equalizer and baseline wander
High speed signals over unshielded (or shielded) twisted pair cable will experience
attenuation and phase shift. These effects depend on the signal frequency, cable type, cable
length and the cable connectors. Robust circuits in the transceiver provide reliable adaptive
equalizer and baseline wander compensation for amplitude attenuation and phase shift due
to transmission line parasites.
MLT3 to NRZI decoder and PLL for data recovery
Following adaptive equalizer, baseline wander, the transceiver converts the resulting MLT3
to NRZI code, which is passed to the Phase Lock Loop circuits in order to extract the
synchronous clock and the original data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com