Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE100A Datasheet(PDF) 35 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 31Page - STMicroelectronics STE100A Datasheet HTML 32Page - STMicroelectronics STE100A Datasheet HTML 33Page - STMicroelectronics STE100A Datasheet HTML 34Page - STMicroelectronics STE100A Datasheet HTML 35Page - STMicroelectronics STE100A Datasheet HTML 36Page - STMicroelectronics STE100A Datasheet HTML 37Page - STMicroelectronics STE100A Datasheet HTML 38Page - STMicroelectronics STE100A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
STE10/100A
Registers and descriptors description
35/82
31~10
BRBA
Boot ROM base address. This value indicates the
address mapping of the boot ROM field as well as
defining the boot ROM size. The values of bit 16~10
are set to 0 indicating that the STE10/100A supports
up to 128Kbit of boot ROM.
X: b31~17
0: b16~10
R/W
RO
9 ~ 1
---
Reserved
RO R/W
R/W
0BRE
Boot ROM enable. The STE10/100A will only enable
its boot ROM access if both the memory space
access bit (bit 1 of CR1) and this bit are set to 1.
1: enable boot ROM. (If bit 1 of CR1 is also set).
0R/W
CR13 (offset = 34h), CP - Capabilities pointer
31~8
---
Reserved
7~0
CP
Capabilities pointer
C0h
RO
CR15 (offset = 3ch), CI - Configuration interrupt
31~24
ML
Max_Lat register. This value indicates how often the
STE10/100A needs to access to the PCI bus in units
of 250ns. This value is loaded from serial EEPROM
as a result of power-on or hardware reset.
From
EEPROM
RO
23~16
MG
Min_Gnt register. This value indicates how long the
STE10/100A needs to retain the PCI bus ownership
whenever it initiates a transaction, in units of 250ns.
This value is loaded from serial EEPROM as a result
power-on or hardware reset.
From
EEPROM
RO
15~ 8
IP
Interrupt Pin. This value indicates one of four
interrupt request pins to which the STE10/100A is
connected.
01h: means the STE10/100A always connects to
INTA#.
01h
RO
7 ~ 0
IL
Interrupt Line. This value indicates the system
interrupt request lines to which the INTA# of
STE10/100A is routed. The BIOS will fill this field
when it initializes and configures the system. The
STE10/100A driver can use this value to determine
priority and vector information.
0R/W
CR16 (offset = 40h), DS - Driver space for special purpose
31~16
---
Reserved
15~8
DS
Driver space for implementation-specific purpose.
Since this area won’t be cleared upon software
reset, an STE10/100A driver can use this R/W area
as user-specified storage.
0R/W
7 ~ 0
---
Reserved
CR32 (offset = 80h), SIG - Signature of STE10/100A
Table 6.
Configuration registers description (continued)
Bit #
Name
Description
Default
RW type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com