Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT4841 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT4841
Description  5A Synchronous Boost Converter with Output Isolation MOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4841 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT4841 Datasheet HTML 1Page - Richtek Technology Corporation RT4841 Datasheet HTML 2Page - Richtek Technology Corporation RT4841 Datasheet HTML 3Page - Richtek Technology Corporation RT4841 Datasheet HTML 4Page - Richtek Technology Corporation RT4841 Datasheet HTML 5Page - Richtek Technology Corporation RT4841 Datasheet HTML 6Page - Richtek Technology Corporation RT4841 Datasheet HTML 7Page - Richtek Technology Corporation RT4841 Datasheet HTML 8Page - Richtek Technology Corporation RT4841 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
RT4841
3
DS4841-00 May 2021
www.richtek.com
©
Copyright
2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1, 2, 20
GND
Ground pin.
3, 7
NC
Not connected. Should be floating or connected to GND.
4, 5
SWO
Boost regulator external p-channel pass switch out.
6
FB
Feedback of SWO. Connect to the center of resistor voltage divider to program
the output voltage.
8
SWG
Boost regulator external p-channel pass switch gate input.
9, 10
SWI
Output voltage of step-up converter.
11, 12
PGND
Power ground.
13
SW
Switch node of Boost.
14
BT
Power supply for high-side MOSFET gate driver. A ceramic capacitor of 0.1
F
must be connected between this pin and the SW pin.
15
VIN
Power supply input.
16
COMP
Compensation pin for error amplifier. Connect a series RC from COMP to
ground.
17
SS
Soft-start control. Connect a soft-start capacitor (CSS) to this pin. The soft-start
capacitor is charged with a constant current of 5
A. The soft-start capacitor is
discharged to ground when EN is low.
18
VL
Internal 5V linear regulator output.
19
EN
Chip enable control pin. Pull EN pin high and to turn on these channels. A 1M
pull down resistor is connected from this pin to ground.
21 (Exposed Pad)
PGND
Power ground. The Exposed Pad should be soldered to a large PCB and
connected to PGND for maximum thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com