Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT4841 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT4841
Description  5A Synchronous Boost Converter with Output Isolation MOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4841 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT4841 Datasheet HTML 8Page - Richtek Technology Corporation RT4841 Datasheet HTML 9Page - Richtek Technology Corporation RT4841 Datasheet HTML 10Page - Richtek Technology Corporation RT4841 Datasheet HTML 11Page - Richtek Technology Corporation RT4841 Datasheet HTML 12Page - Richtek Technology Corporation RT4841 Datasheet HTML 13Page - Richtek Technology Corporation RT4841 Datasheet HTML 14Page - Richtek Technology Corporation RT4841 Datasheet HTML 15Page - Richtek Technology Corporation RT4841 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
RT4841
12
DS4841-00 May 2021
www.richtek.com
©
Copyright
2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
SWO
I(SWO)
GD SCP
Timer
5mS
4V
SWO
I(SWO)
GD SCP
Timer
5mS
4V
12V
200mA
200mA
Without trigger
GD SCP
With trigger
GD SCP
Inductor Short Protection
The RT4841 step-up converter has diode short protection
to prevent the IC damage. It prevents huge current from
input supply and output capacitor to damage internal power
MOS. During power on, once happen inductor short and
then internal MOSFET will turn off immediately.
Inductor Selection
The inductor value depends on the maximum input current.
As a general rule the inductor ripple current is 20% to
40% of maximum input current. If 40% is selected as an
example, the inductor ripple current can be calculated
according to the following equation :
OUT
OUT(MAX)
IN(MAX)
IN
RIPPLE
IN(MAX)
V
x I
I
=
x V
I
= 0.4 x I
where
η is the efficiency of the boost converter, IIN(MAX) is
the maximum input current, and IRIPPLE is the inductor
ripple current. The input peak current can be obtained by
adding the maximum input current with half of the inductor
ripple current as shown in the following equation :
PEAK
IN(MAX)
I1.2 x I
Note that the saturated current of inductor must be greater
than IPEAK. The inductance can eventually be determined
according to the following equation :
2
IN
OUT
IN
2
OUT
OUT(MAX)
OSC
x (V ) x(V
V )
L
0.4 x (V
) xI
x f
where fOSC is the switching frequency. For better system
performance, a shielded inductor is preferred to avoid EMI
problems.
Output Capacitor Selection
Output ripple voltage is an important index for estimating
the performance. This portion consists of two parts, one
is the product of IIN and ESR of output capacitor, another
part is formed by charging and discharging process of
output capacitor. As shown in Figure 3,
ΔVOUT1 can be
evaluated based on the ideal energy equalization.
According to the definition of Q, the Q value can be
calculated as following equation :
IN
L
OUT
IN
L
OUT
IN
OUT
OUT1
OUT
OSC
11
1
Q
x
I
I
I
I
I
I
22
2
V
1
x
x
C
x V
Vf

 
  
  
 

 


where fOSC is the switching frequency and
ΔIL is the
inductor ripple current. Move COUT to left side to estimate
the value of
ΔVOUT1 as following equation :
OUT
OUT1
OUT
OSC
D x I
V
x C
x f

Finally, the output ripple voltage can be determined as
following equation :
OUT
OUT
IN
OUT
OSC
D x I
VI
ESR
x C
x f

Time
Time
Inductor Current
Output Current
Output Ripple
Voltage (ac)
(1-D)TS
ΔVOUT1
ΔIL
Input Current
Figure 1. The Output Ripple Voltage without the
Contribution of ESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com