Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT4841 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT4841
Description  5A Synchronous Boost Converter with Output Isolation MOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4841 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT4841 Datasheet HTML 8Page - Richtek Technology Corporation RT4841 Datasheet HTML 9Page - Richtek Technology Corporation RT4841 Datasheet HTML 10Page - Richtek Technology Corporation RT4841 Datasheet HTML 11Page - Richtek Technology Corporation RT4841 Datasheet HTML 12Page - Richtek Technology Corporation RT4841 Datasheet HTML 13Page - Richtek Technology Corporation RT4841 Datasheet HTML 14Page - Richtek Technology Corporation RT4841 Datasheet HTML 15Page - Richtek Technology Corporation RT4841 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
RT4841
15
DS4841-00 May 2021
www.richtek.com
©
Copyright
2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.150
0.300
0.006
0.012
D
3.900
4.100
0.154
0.161
D2
Option 1
2.650
2.750
0.104
0.108
Option 2
2.100
2.200
0.083
0.087
E
3.900
4.100
0.154
0.161
E2
Option 1
2.650
2.750
0.104
0.108
Option 2
2.100
2.200
0.083
0.087
e
0.500
0.020
L
0.350
0.450
0.014
0.018
W-Type 20L QFN 4x4 Package
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com