Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT4841 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT4841
Description  5A Synchronous Boost Converter with Output Isolation MOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4841 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT4841 Datasheet HTML 5Page - Richtek Technology Corporation RT4841 Datasheet HTML 6Page - Richtek Technology Corporation RT4841 Datasheet HTML 7Page - Richtek Technology Corporation RT4841 Datasheet HTML 8Page - Richtek Technology Corporation RT4841 Datasheet HTML 9Page - Richtek Technology Corporation RT4841 Datasheet HTML 10Page - Richtek Technology Corporation RT4841 Datasheet HTML 11Page - Richtek Technology Corporation RT4841 Datasheet HTML 12Page - Richtek Technology Corporation RT4841 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT4841
9
DS4841-00 May 2021
www.richtek.com
©
Copyright
2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
SW Frequency vs. Input Voltage
450
460
470
480
490
500
510
520
530
540
550
8.5
9.5
10.5
11.5
12.5
13.5
14.5
15.5
16.5
Input Voltage (V)
SW Frequency vs. Temperature
450
460
470
480
490
500
510
520
530
540
550
-50
-25
0
255075
100
125
Temperature (°C)
VIN = 12V, SWO = 16.8V
VIN = 12V, SWO = 16.8V
Time (100
μs/Div)
Load Transient Response at 0.5A
SWO_ac
(0.3V/Div)
ISWO
(0.5A/Div)
VIN = 12V, SWO = 16.8V
Time (10ms/Div)
Power On
VIN
(4V/Div)
SWO
(4V/Div)
SW
(4V/Div)
VIN = 12V, SWO = 16.8V
Time (20ms/Div)
Power Off
VIN
(4V/Div)
SWO
(4V/Div)
SW
(4V/Div)
VIN = 12V, SWO = 16.8V
Time (100
μs/Div)
Load Transient Response at 1A
SWO_ac
(0.3V/Div)
ISWO
(0.5A/Div)
VIN = 12V, SWO = 16.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com