Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT4841 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT4841
Description  5A Synchronous Boost Converter with Output Isolation MOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4841 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT4841 Datasheet HTML 1Page - Richtek Technology Corporation RT4841 Datasheet HTML 2Page - Richtek Technology Corporation RT4841 Datasheet HTML 3Page - Richtek Technology Corporation RT4841 Datasheet HTML 4Page - Richtek Technology Corporation RT4841 Datasheet HTML 5Page - Richtek Technology Corporation RT4841 Datasheet HTML 6Page - Richtek Technology Corporation RT4841 Datasheet HTML 7Page - Richtek Technology Corporation RT4841 Datasheet HTML 8Page - Richtek Technology Corporation RT4841 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RT4841
5
DS4841-00 May 2021
www.richtek.com
©
Copyright
2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
General
Supply Voltage
VIN
8.6
12
15.9
V
VIN Under Voltage
VUVLO
VIN rising
6.4
6.7
7
V
Lockout Hys
VIN falling
0.6
0.8
1
V
IIN Quiescent Current
IQVIN
VIN = 12V
--
5
--
mA
VL Output Voltage
VL
--
5
--
V
Fault Detection
Thermal Shutdown
TSD
Temperature rising
--
150
--
°C
Thermal Shutdown
Hysteresis
TSD_Hsy
--
15
--
°C
Enable
High-Level Input Voltage
VIH
1.3
--
--
V
Low-Level Input Voltage
VIL
--
--
0.8
V
Sync. Step-up Converter
FB Regulation Voltage
VREF
1.25V
1%
--
1
%
Switching Frequency
fOSC
450
500
550
kHz
Recommended Operating Conditions
(Note 4)
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
SW, SWO, SWG, SWI to GND -----------------------------------------------------------------------------------------
−0.3 to 22V
BT to GND --------------------------------------------------------------------------------------------------------------------
−0.3 to 26V
VIN to GND -------------------------------------------------------------------------------------------------------------------
−0.3 to 16.5V
SWI to SWO ----------------------------------------------------------------------------------------------------------------
−0.3 to 22V
VL, COMP, SS, FB, EN to GND ----------------------------------------------------------------------------------------
−0.3 to 6.5V
Power Dissipation, PD @ TA = 25
°C
WQFN-20L 4x4 ------------------------------------------------------------------------------------------------------------- 3.57W
Package Thermal Resistance (Note 2)
WQFN-20L 4x4,
θJA -------------------------------------------------------------------------------------------------------- 28°C/W
WQFN-20L 4x4,
θJC ------------------------------------------------------------------------------------------------------- 7°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
(VIN = 12V, EN = high, SWO = 14.5V, TA = 25
°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com