Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T83C5121XXX-ICSIL Datasheet(PDF) 24 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 20Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 21Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 22Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 23Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 24Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 25Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 26Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 27Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 115 page
background image
24
A/T8xC5121
4164G–SCR–07/06
Clock Prescaler
Before supplying the CPU and the peripherals, the main clock is divided by a factor 2 to
30 to reduce the CPU power consumption. This factor is controlled with the CKRL
register.
Table 7. Examples of Factors
Clock Control Registers
Clock Prescaler Register
This register is used to reload the clock prescaler of the CPU and peripheral clock.
Table 8. CKRL Register
CKRL - Clock Reload Register (97h)
Reset Value = XXXX 111Xb
XTAL (MHz)
X2 CPU CKCON0
CKRL Value
Prescaler Factor
F
CLK_CPU, FCLK_Periph
(MHz)
16
0 (reset mode)
07h
1
8
16
1 (X2 mode)
07h
1
16
16
1
07h
1
16
16
0
07h
1
8
16
0
06h
2
4
16
1
06h
2
8
76
54
32
1
0
-
-
-
-
CKRL
CKRL
CKRL
-
Bit
Number
Bit
Mnemonic
Description
7 - 4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3 - 1
CKRL
Clock Reload Register
Prescaler value
XXXX 000Xb: CKRL=7 and Division factor equals 14
XXXX 110Xb: CKRL=6 and factor equals 2
XXXX 111Xb: CKRL=7 and division factor equals 1
0-
Reserved
The value read from this bit is indeterminate. Do not set this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com