Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T83C5121XXX-ICSIL Datasheet(PDF) 41 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 37Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 38Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 39Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 40Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 41Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 42Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 43Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 44Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 115 page
background image
41
A/T8xC5121
4164G–SCR–07/06
Table 18. SCIIR Register
SCIIR (S:AEh, SCRS = 0)
Smart Card UART Interrupt
Identification Register (read only)
Reset Value = 0X00 0000b
7
6
543
2
1
0
SCTBI
-
CIccERR
CVccERR
SCWTI
SCTI
SCRI
SCPI
Bit
Number
Bit Mnemonic
Description
7SCTBI
SCIB transmit buffer interrupt
This bit is set by hardware when the Transmit Buffer is copied to the transmit
shift register of the Smart Card UART.
It is cleared by hardware when this register is read.
6-
Reserved
The value read from this bit is indeterminate. Do not change this bit or write 0.
5CIccERR
Card current status
This bit is set when the output current goes out of the current range.
It is cleared by hardware when this register is read.
4
CVccERR
Card voltage status
This bit is set when the output voltage goes out of the voltage range specified
by CVcc field.
It is cleared by hardware when this register is read.
3SCWTI
Smart card wait Timeout interrupt
This bit is set by hardware when the Smart Card Timer 0 times out.
It is cleared by hardware when this register is read.
2SCTI
Smart card transmit interrupt
This bit is set by hardware when the Smart Card UART completes a
character transmission.
It is cleared by hardware when this register is read.
1SCRI
Smart card receive interrupt
This bit is set by hardware when the Smart Card UART completes a
character reception.
It is cleared by hardware when this register is read.
0SCPI
Smart card parity error interrupt
This bit is set at the same time as SCTI or SCRI if a parity error is detected.
It is cleared by hardware when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com