Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T83C5121XXX-ICSIL Datasheet(PDF) 35 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 31Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 32Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 33Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 34Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 35Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 36Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 37Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 38Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 115 page
background image
35
A/T8xC5121
4164G–SCR–07/06
Other Features
Clock
The Ck-ISO input must be in the range 1 - 5 MHz according to ISO7816.
The ISO Clock diagram and the configuration examples are shown in Figure 20.
Figure 21. Clock Diagram of the SCIB Block
Table 13. Examples of Settings for Clocks
Alternate Card
A second card named "Alternate card" can be controlled.
The Clock signal CCLK1 can be adapted to the XTAL frequency. Thanks to the clock
prescaler which can divide the frequency by 1, 2, 4 or 8. The bits ALTKPS0 and
ALTKPS1 in SCSR Register are used to set this factor.
Xtal ( MHz)
X2 CKCON0
FCLK Cpu
+ FCLK Periph
( MHz)
SCX2
Clk_ iso
(1 to 5 MHz)
40
2
0
2
4
1 (mode X2)
4
0
4
81
8
1
4
11.059
05.529512.7648
14.7456
0
7.3728
1
3.6864
16
08
14
20
0
10
1
5
1
2
1
Clk_cpu
Clk_iso
SCIB
F4_8MHz
0
SCX2
CKCON 1.3
Reset value = 1
FCLK_CPU
FCLK_Periph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com