Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T83C5121XXX-ICSIL Datasheet(PDF) 45 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 41Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 42Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 43Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 44Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 45Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 46Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 47Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 48Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 115 page
background image
45
A/T8xC5121
4164G–SCR–07/06
Table 24. SCETU0 Register
SCETU0 (S:ACh, SCRS = 1)
Smart Card ETU Register 0
Reset Value = 0111 0100b
Table 25. SCGT1 Register
SCGT1 (S:B5h, SCRS = 1)
Smart Card Transmit Guard Time Register 1
Reset Value = XXXX XXX0b
Table 26. SCGT0 Register
SCGT0 (S:B4h, SCRS = 1)
Smart Card Transmit Guard Time Register 0
Reset Value = 0000 1100b
76
54
32
1
0
ETU7
ETU6
ETU5
ETU4
ETU3
ETU2
ETU1
ETU0
Bit
Number
Bit
Mnemonic
Description
7-0
ETU[7:0]
ETU LSB
The Elementary Time Unit is (ETU[10:0] - 0.5*COMP)/f, where f is the Card CLK
frequency.
According to ISO7816, ETU[10:0] can be set between 11 and 2047.
The default reset value of ETU[10:0] is 372 (F = 372, D = 1).
76
54
32
1
0
––
––
–
–
–
GT8
Bit
Number
Bit
Mnemonic
Description
7-1
–
Reserved
The value read from these bits is indeterminate. Do not change these bits .
0GT8
Transmit Guard Time MSB
Used together with the Transmit Guard Time LSB (see SCGT0 Register).
76
54
32
1
0
GT7GT6
GT5GT4
GT3GT2
GT1
GT0
Bit
Number
Bit
Mnemonic
Description
7-0
GT[7:0]
Transmit Guard Time LSB
The minimum time between two consecutive start bits in transmit mode is
GT[8:0] * ETU.
According to ISO 7816, GT can be set between 11 and 266 (11 to 254+12 ETU).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com