Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T83C5121XXX-ICSIL Datasheet(PDF) 27 Page - ATMEL Corporation

Part # T83C5121XXX-ICSIL
Description  8-bit Microcontroller with Multiprotocol Smart Card Interface
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T83C5121XXX-ICSIL Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button T83C5121XXX-ICSIL Datasheet HTML 23Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 24Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 25Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 26Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 27Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 28Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 29Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 30Page - ATMEL Corporation T83C5121XXX-ICSIL Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 115 page
background image
27
A/T8xC5121
4164G–SCR–07/06
DC/DC Clock
The DC/DC block needs a clock with a 50% duty cycle. The frequency must also respect
a value between 3.68 MHz and 4 MHz. The first requirement imposes a divider in the
clock path and the second constraint is solved with the use of a prescaler.
Figure 13. Functional Block Diagram
Clock Control Register
This register is used to reload the clock prescaler of the DC/DC converter clock.
Table 11. DCCKPS Register
DCCKPS - DC/DC converter Reload Register (BFh)
Reset Value = XXXX XX11b
Clock Prescaler
Before supplying the DC/DC block, the oscillator clock is divided by a factor 2 to 5 to
adapt the clock needed by the DC/DC converter. This factor is controlled with the
DCCKPS register.
The prescaler factor must be chosen to match the requirement range which is 4MHz.
Table 12. Examples of Factors
1
F
CLK_DC/DC
FOSC
FOSC
2 to 5
(2 to 5)
DCCKPS
Address BFh
76
54
32
1
0
-
-
-
-
-
-
DCCKPS
DCCKPS
Bit
Number
Bit
Mnemonic
Description
7:2
-
Reserved
Do not use write those bits
1:0
DCCKPS
Clock Reload Register
Prescaler value
00b: Division factor equals 2
01b: division factor equals 3
10b: division factor equals 4
11b: division factor equals 5 (reset value which minimize the consumption)
XTAL (MHz)
DCCKPS Value
Prescaler
Factor
DC/DC Converter CLK (MHz)
800h
2
4
12
01h
3
4
14.756
02h
4
3.689
16
02h
4
4
20
03h
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com