Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B2M080120R Datasheet(PDF) 5 Page - BASIC SEMICONDUCTOR

Part # B2M080120R
Description  SiC MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2M080120R Datasheet(HTML) 5 Page - BASIC SEMICONDUCTOR

  B2M080120R Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 7Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 8Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 9Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SiC MOSFET
4 / 13
www.basicsemi.com
Reverse Diode Characteristics
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
4.6
3.9
32
11
80
110
16
V
A
A
ns
nC
A
Diode Forward Voltage
Pulse Diode Current
Continuous Diode Forward
Current
Reverse Recovery Time
Reverse Recovery Charge
Peak Reverse Recovery
Current
V
SD
I
SD
I
SD,pulse
t
rr
Q
rr
I
rrm
Test conditions
V
DC=800V, ISD=20A
-di
F/dt=2500A/μs
T
j=25°C
V
GS=-4V, TC=25°C
V
GS=-4V, pulse width tp limited
by T
jmax
25
470
29
ns
nC
A
Reverse Recovery Time
Reverse Recovery Charge
Peak Reverse Recovery
Current
t
rr
Q
rr
I
rrm
V
DC=800V, ISD=20A
-di
F/dt=3000A/μs
T
j=175°C
V
GS=-4V, ISD=10A, Tj=25°C
V
GS=-4V, ISD=10A, Tj=175°C
Rev. 0.0
B2M080120R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com