Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B2M080120R Datasheet(PDF) 9 Page - BASIC SEMICONDUCTOR

Part # B2M080120R
Description  SiC MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2M080120R Datasheet(HTML) 9 Page - BASIC SEMICONDUCTOR

Back Button B2M080120R Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 7Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 8Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 9Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 10Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 11Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 12Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 13Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SiC MOSFET
8 / 13
www.basicsemi.com
Typical Performance
Output Capacitor stored Energy
Maximum Power Dissipation Derating
vs. Case Temperature
Continuous Drain Current Derating
vs. Case Temperature
Gate Charge Characteristics
Figure 13
Figure 14
Figure 16
Figure 15
T
C(°C)
T
C(°C)
Rev. 0.0
0
200
400
600
800
1000
0
10
20
30
40
VDS (V)
-50
0
50
100
150 175
0
50
100
150
200
-50
0
50
100
150
175
0
10
20
30
40
50
0
10
20
30
40
50
-5
0
5
10
15
18
ID=20A
VDS=800V
Tj =25℃
QG (nC)
B2M080120R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com