Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B2M080120R Datasheet(PDF) 10 Page - BASIC SEMICONDUCTOR

Part # B2M080120R
Description  SiC MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2M080120R Datasheet(HTML) 10 Page - BASIC SEMICONDUCTOR

Back Button B2M080120R Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 7Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 8Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 9Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 10Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 11Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 12Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 13Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 14Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SiC MOSFET
9 / 13
www.basicsemi.com
Typical Performance
Clamped Inductive Switching Energy
vs. Drain Current (V
DC =600V)
at T
j=25°C
Figure 17
Clamped Inductive Switching Energy
vs. Drain Current (V
DC =600V)
at T
j=175°C
Figure 18
Clamped Inductive Switching Energy
vs. Drain Current (V
DC =800V)
at T
j=25°C
Clamped Inductive Switching Energy
vs. Drain Current (V
DC =800V)
at T
j=175°C
Figure 20
Figure 19
Rev. 0.0
10
15
20
25
30
35
40
0
200
400
600
800
1000
Eon
Eoff
Tj
= 25 ℃
VDC
= 600 V
RG(ext) = 2.2Ω
VGS
= -4V/+18V
FWD
= B2M080120R
= 50nH
ID (A)
Etotal
10
15
20
25
30
35
40
0
200
400
600
800
1000
Eon
Eoff
Tj
= 175 ℃
VDC
= 600 V
RG(ext) = 2.2Ω
VGS
= -4V/+18V
FWD
= B2M080120R
= 50nH
ID (A)
Etotal
10
15
20
25
30
35
40
0
200
400
600
800
1000
Eon
Eoff
Tj
= 25 ℃
VDC
= 800 V
RG(ext) = 2.2Ω
VGS
= -4V/+18V
FWD
= B2M080120R
= 50nH
ID (A)
Etotal
10
15
20
25
30
35
40
0
200
400
600
800
1000
Eon
Eoff
Tj
= 175 ℃
VDC
= 800 V
RG(ext) = 2.2Ω
VGS
= -4V/+18V
FWD
= B2M080120R
= 50nH
ID (A)
Etotal
B2M080120R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com