Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B2M080120R Datasheet(PDF) 6 Page - BASIC SEMICONDUCTOR

Part # B2M080120R
Description  SiC MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2M080120R Datasheet(HTML) 6 Page - BASIC SEMICONDUCTOR

Back Button B2M080120R Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 7Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 8Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 9Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 10Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SiC MOSFET
5 / 13
www.basicsemi.com
Typical Performance
Typical Forward Output
Characteristics at
T
j=25°C
Figure 1
Figure 3
Figure 2
Figure 4
Typical Forward Output
Characteristicsat
T
j=175°C
Transfer Characteristics for
Various Temperature
Threshold Voltage for Various
Temperature
T
j(°C)
Rev. 0.0
0
2
4
6
8
10
0
10
20
30
40
VGS=18V
VGS=16V
VGS=15V
VGS=14V
VGS=12V
VGS=20V
VGS=10V
VDS (V)
0
2
4
6
8
10
0
10
20
30
40
VGS=20V
VGS=18V
VGS=16V
VGS=15V
VGS=14V
VGS=12V
VGS=10V
VDS (V)
0
5
10
15
20
0
10
20
30
40
50
60
70
80
VDS=10V
tp <200μs
Tj=175℃
VGS (V)
Tj=25℃
25
50
75
100
125
150
175
0
1
2
3
4
VGS=VDS
ID=5mA
B2M080120R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com