Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B2M080120R Datasheet(PDF) 7 Page - BASIC SEMICONDUCTOR

Part # B2M080120R
Description  SiC MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2M080120R Datasheet(HTML) 7 Page - BASIC SEMICONDUCTOR

Back Button B2M080120R Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 7Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 8Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 9Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 10Page - BASIC SEMICONDUCTOR B2M080120R Datasheet HTML 11Page - BASIC SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SiC MOSFET
6 / 13
www.basicsemi.com
Typical Performance
Normalized On-Resistance for
Various Temperature
On-Resistance vs. Temperature for
Various Gate-Source Voltage
On-Resistance vs. Drain Current for
Various Temperature
Capacitance vs. Drain-Source
Voltage (0 - 1000V)
Figure 5
Figure 6
Figure 8
Figure 7
T
j(°C)
T
j(°C)
Rev. 0.0
25
50
75
100
125
150
175
0.0
0.5
1.0
1.5
2.0
ID=20A
VGS=18V
tp <200μs
25
50
75
100
125
150
175
0
30
60
90
120
150
ID=20A
tp <200μs
VGS=18V
VGS=15V
VGS=20V
0
5
10
15
20
25
30
35
40
0
40
80
120
160
VGS=18V
tp <200μs
Tj=175℃
ID (A)
Tj=25℃
0
200
400
600
800
1000
1
10
100
1000
10000
Tj=25℃
VAC =25mV
f=1MHz
Ciss
Coss
Crss
VDS (V)
B2M080120R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com