Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UMA1019AM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UMA1019AM
Description  Low-voltage frequency synthesizer for radio telephones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1019AM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UMA1019AM Datasheet HTML 4Page - NXP Semiconductors UMA1019AM Datasheet HTML 5Page - NXP Semiconductors UMA1019AM Datasheet HTML 6Page - NXP Semiconductors UMA1019AM Datasheet HTML 7Page - NXP Semiconductors UMA1019AM Datasheet HTML 8Page - NXP Semiconductors UMA1019AM Datasheet HTML 9Page - NXP Semiconductors UMA1019AM Datasheet HTML 10Page - NXP Semiconductors UMA1019AM Datasheet HTML 11Page - NXP Semiconductors UMA1019AM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1995 Jul 07
8
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer
for radio telephones
UMA1019AM
CHARACTERISTICS
VDD1 =VDD2 =VDD3 = 2.7 to 5.5 V; VCC = 2.7 to 5.5 V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply; pins 4, 5 and 18
VDD
digital supply voltage
VDD1 =VDD2 =VDD3
2.7
5.5
V
VCC
analog supply voltage
VCC ≥ VDD
2.7
5.5
V
IDD
synthesizer digital supply current
VDD = 5.5 V
911
mA
ICC
charge pumps analog supply
current
VCC = 5.5 V;
Rext =12 kΩ
0.4
1.0
mA
ICCPD, IDDPD
current in power-down mode per
supply
logic levels 0 or VDD
12
50
µA
RF main divider input; pin 6
fVCO
RF input frequency
1000
1500
1700
MHz
V6(rms)
AC-coupled input signal level
(RMS value)
Rs =50 Ω
100
500
mV
ZI
input impedance (real part)
fVCO = 1.7 GHz
300
−Ω
CI
typical pin input capacitance
indicative, not tested
2
pF
Rm
main divider ratio
512
131071
fPCmax
maximum phase comparator
frequency
2000
kHz
fPCmin
minimum phase comparator
frequency
10
kHz
Crystal reference divider input; pin 8
fXTAL
crystal reference input frequency
3
40
MHz
V8(rms)
sinusoidal input signal level
(RMS value)
5 MHz < fXTAL < 40 MHz 50
500
mV
3 MHz < fXTAL < 40 MHz 100
500
mV
ZI
input impedance (real part)
fXTAL = 30 MHz
2
k
CI
typical pin input capacitance
indicative, not tested
2
pF
Rr
reference divider ratio
8
2047
Charge pump current setting resistor input; pin 14
Rext
external resistor from pin 14 to
ground
12
60
k
V14
regulated voltage at pin 14
Rext =12kΩ−
1.15
V
Charge pump outputs; pins 3 and 2; Rext =12kΩ
IOcp
charge pump output current error
−25
+25
%
Imatch
sink-to-source current matching
Vcp in range
−±5
%
ILcp
charge pump off leakage current
Vcp = 12VCC
−5
±1+5
nA
Vcp
charge pump voltage compliance
0.4
VCC − 0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com