Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UMA1019AM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UMA1019AM
Description  Low-voltage frequency synthesizer for radio telephones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1019AM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UMA1019AM Datasheet HTML 6Page - NXP Semiconductors UMA1019AM Datasheet HTML 7Page - NXP Semiconductors UMA1019AM Datasheet HTML 8Page - NXP Semiconductors UMA1019AM Datasheet HTML 9Page - NXP Semiconductors UMA1019AM Datasheet HTML 10Page - NXP Semiconductors UMA1019AM Datasheet HTML 11Page - NXP Semiconductors UMA1019AM Datasheet HTML 12Page - NXP Semiconductors UMA1019AM Datasheet HTML 13Page - NXP Semiconductors UMA1019AM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1995 Jul 07
10
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer
for radio telephones
UMA1019AM
SERIAL BUS TIMING CHARACTERISTICS
VDD =VCC =3V; Tamb =25 °C; unless otherwise specified.
Note
1. The minimum pulse width (tW) can be smaller than 4 µs provided all the following conditions are satisfied:
a) Main divider input frequency
b) Reference divider input frequency
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Serial programming clock; CLK
tr
input rise time
10
40
ns
tf
input fall time
10
40
ns
Tcy
clock period
100
−−
ns
Enable programming; E
tSTART
delay to rising clock edge
40
−−
ns
tEND
delay from last falling clock edge
−20
−−
ns
tW
minimum inactive pulse width
4000(1)
−−
ns
tSU;E
enable set-up time to next clock edge
20
−−
ns
Register serial input data; DATA
tSU;DAT
input data to clock set-up time
20
−−
ns
tHD;DAT
input data to clock hold time
20
−−
ns
f
VCO
512
t
W
----------
>
f
XTAL
3
t
W
------
>
Fig.3 Serial bus timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com