Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UMA1019AM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UMA1019AM
Description  Low-voltage frequency synthesizer for radio telephones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1019AM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UMA1019AM Datasheet HTML 5Page - NXP Semiconductors UMA1019AM Datasheet HTML 6Page - NXP Semiconductors UMA1019AM Datasheet HTML 7Page - NXP Semiconductors UMA1019AM Datasheet HTML 8Page - NXP Semiconductors UMA1019AM Datasheet HTML 9Page - NXP Semiconductors UMA1019AM Datasheet HTML 10Page - NXP Semiconductors UMA1019AM Datasheet HTML 11Page - NXP Semiconductors UMA1019AM Datasheet HTML 12Page - NXP Semiconductors UMA1019AM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1995 Jul 07
9
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer
for radio telephones
UMA1019AM
Interface logic input signal levels; pins 13, 12, 11 and 1
VIH
HIGH level input voltage
0.7VDD
VDD + 0.3
V
VIL
LOW level input voltage
−0.3
0.3VDD
V
Ibias
input bias current
logic 1 or logic 0
−5
+5
µA
CI
input capacitance
indicative, not tested
2
pF
Lock detect output signal; pin 20 (open-drain output)
VOL
LOW level output voltage
Isink = 0.4 mA
−−
0.4
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com