Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UMA1019AM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UMA1019AM
Description  Low-voltage frequency synthesizer for radio telephones
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1019AM Datasheet(HTML) 2 Page - NXP Semiconductors

  UMA1019AM Datasheet HTML 1Page - NXP Semiconductors UMA1019AM Datasheet HTML 2Page - NXP Semiconductors UMA1019AM Datasheet HTML 3Page - NXP Semiconductors UMA1019AM Datasheet HTML 4Page - NXP Semiconductors UMA1019AM Datasheet HTML 5Page - NXP Semiconductors UMA1019AM Datasheet HTML 6Page - NXP Semiconductors UMA1019AM Datasheet HTML 7Page - NXP Semiconductors UMA1019AM Datasheet HTML 8Page - NXP Semiconductors UMA1019AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1995 Jul 07
2
Philips Semiconductors
Product specification
Low-voltage frequency synthesizer
for radio telephones
UMA1019AM
FEATURES
• Low current from 3 V supply
• Fully programmable RF divider
• 3-line serial interface bus
• Independent fully programmable reference divider,
driven from external crystal oscillator
• Dual phase detector outputs to allow fast frequency
switching
• Dual power-down modes.
APPLICATIONS
• 1 to 1.7 GHz mobile telephones
• Portable battery-powered radio equipment.
GENERAL DESCRIPTION
The UMA1019AM BICMOS device integrates prescalers,
a programmable divider, and phase comparator to
implement a phase-locked loop.
The device is designed to operate from 3 NiCd cells, in
pocket phones, with low current and nominal 5 V supplies.
The synthesizer operates at RF input frequencies up to
1.7 GHz. The synthesizer has a fully programmable
reference divider. All divider ratios are supplied via a
3-wire serial programming bus.
Separate power and ground pins are provided to the
analog and digital circuits. The ground leads should be
externally short-circuited to prevent large currents flowing
across the die and thus causing damage. Digital supplies
VDD1, VDD2 and VDD3 must also be at the same potential.
VCC must be equal to or greater than VDD (i.e. VDD =3V
and VCC = 5 V for wider tuning range).
The phase detector uses two charge pumps, one provides
normal loop feedback, while the other is only active during
fast mode to speed-up switching. All charge pump currents
(gain) are fixed by an external resistance at pin ISET
(pin 14). Only passive loop filters are used; the
charge-pumps function within a wide voltage compliance
range to improve the overall system performance.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC, VDD
supply voltage
VCC ≥ VDD
2.7
5.5
V
ICC +IDD
supply current
9.4
mA
ICCPD, IDDPD
current in power-down mode per supply
12
−µA
fVCO
RF input frequency
1000
1500
1700
MHz
fxtal
crystal reference input frequency
3
40
MHz
fPC
phase comparator frequency
200
kHz
Tamb
operating ambient temperature
−30
+85
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UMA1019AM
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com