Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC2441AEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 6Page - Semtech Corporation SC2441AEVB Datasheet HTML 7Page - Semtech Corporation SC2441AEVB Datasheet HTML 8Page - Semtech Corporation SC2441AEVB Datasheet HTML 9Page - Semtech Corporation SC2441AEVB Datasheet HTML 10Page - Semtech Corporation SC2441AEVB Datasheet HTML 11Page - Semtech Corporation SC2441AEVB Datasheet HTML 12Page - Semtech Corporation SC2441AEVB Datasheet HTML 13Page - Semtech Corporation SC2441AEVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Block Diagram
Figure 5. Phase-Locked Loop (a) and Its Timing Diagram in Locked Condition (R
2 not Used) (b).
(b)
(a)
1.5V
CLK
CKOUT
28
ROSC
10
6
SYNC/SHDN
EXT CLOCK
BUFFER
PHASE /
FREQUENCY
DETECTOR
QU
QD
I
PLLF
C1
R1
C2
PLLF
2
1K
INTERNAL
CLAMP
R2
EXTERNAL PLL
COMPENSATION
OPTIONAL
RESISTOR FOR
SETTING PHASE
SHIFT
CURRENT-
CONTROLLED
OSCILLATOR
ROSC
TOGGLE
FLIP-FLOP
QT
QT
SETS FREE -
RUNNNG
FREQUENCY
CLK1
CLK2
S1
S2
0.4V
V/I
XCLK
XCLK
CLK1
QT
CLK2
CLK
GDH1
GDH2
CKOUT
QT
I
PLLF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com