Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC2441AEVB Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 23Page - Semtech Corporation SC2441AEVB Datasheet HTML 24Page - Semtech Corporation SC2441AEVB Datasheet HTML 25Page - Semtech Corporation SC2441AEVB Datasheet HTML 26Page - Semtech Corporation SC2441AEVB Datasheet HTML 27Page - Semtech Corporation SC2441AEVB Datasheet HTML 28Page - Semtech Corporation SC2441AEVB Datasheet HTML 29Page - Semtech Corporation SC2441AEVB Datasheet HTML 30Page - Semtech Corporation SC2441AEVB Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
27
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
b) Select inductance value: Sometimes the calculated
inductance value is not available off-the-shelf. The
designer can choose the adjacent (larger) standard
inductance value. The inductance varies with
temperature and DC current. It is a good engineering
practice to re-evaluate the resultant current ripple at
the rated DC output current.
c) Current rating: The saturation current of the inductor
should be at least 1.5 times of the peak inductor current
under all conditions.
Output Capacitor (C
o) and Vout Ripple in Step-down
Sections
The output capacitor provides output current filtering in
steady state and serves as a reservoir during load
transient. The output capacitor can be modeled as an
ideal capacitor in series with its parasitic ESR (R
esr) and
ESL (L
esl) (Figure 16).
Figure 16. C
o equivalent circuit
If the current through the branch is i
b(t), the voltage
across the terminals will then be
).
t
(
i
R
dt
)
t
(
di
L
dt
)
t
(
i
C
1
V
)
t
(
v
b
esr
t
0
b
esl
b
o
o
o
+
+
+
=
ò
This basic equation illustrates the effects of ESR, ESL
and C
o on the output voltage.
The first term is the DC voltage across C
o at time t=0.
The second term is the ripple-voltage caused by the
inductor ripple-current. The third term is the voltage ripple
due to ESL and the fourth term is the voltage ripple due
to ESR. The total output voltage ripple is then a vector
sum of the last three terms.
Applications Information
Since the inductor current is a triangular waveform with
peak-to-peak value
δ * I
o, the ripple-voltage caused by
inductor current ripples is
.
f
C
8
I
v
s
o
o
C
d
»
D
The ripple-voltage due to ESL is
D
I
f
L
v
o
s
esl
ESL
d
=
D
and the ESR ripple-voltage is
.
I
R
v
o
esr
ESR
d
=
D
Aluminum capacitors (e.g. electrolytic, solid OS-CON,
POSCAP, tantalum) have high capacitances and low
ESL’s. The ESR has the dominant effect on the output
ripple voltage. It is therefore very important to minimize
the ESR.
When determining the ESR value, both the steady state
ripple-voltage and the dynamic load transient need to be
considered. To keep the steady state output ripple-voltage
<
∆V
o, the ESR should satisfy
.
I
V
R
o
o
1
esr
d
D
<
To limit the dynamic output voltage overshoot/
undershoot within
α (say 3%) of the steady state output
voltage) under 0 to full load current swing, the ESR value
should be
.
I
V
R
o
o
2
esr
a
<
The required ESR value of the output capacitors should
be
R
esr = min{Resr1,Resr2 }.
In the aluminum capacitor selection, the working voltage
rating is normally suggested to be greater than 1.5V
o.
The allowable current ripple (RMS) should be greater than
Co
Lesl
Resr
i
b(t)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com