Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC2441AEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 8Page - Semtech Corporation SC2441AEVB Datasheet HTML 9Page - Semtech Corporation SC2441AEVB Datasheet HTML 10Page - Semtech Corporation SC2441AEVB Datasheet HTML 11Page - Semtech Corporation SC2441AEVB Datasheet HTML 12Page - Semtech Corporation SC2441AEVB Datasheet HTML 13Page - Semtech Corporation SC2441AEVB Datasheet HTML 14Page - Semtech Corporation SC2441AEVB Datasheet HTML 15Page - Semtech Corporation SC2441AEVB Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
12
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Typical Characteristics
Feedback Pin Input Bias Current vs
Temperature
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
125
Temperature (°C)
VCOMP2 = 3V
Channel 2
VCOMP1 = 3V
Channel 1
Amplifier Transconductance vs Temperature
200
220
240
260
280
300
320
340
360
380
400
-50
-25
0
25
50
75
100 125
Temperature (°C)
Amplifier Open Loop Gain vs Temperature
70
71
72
73
74
75
76
77
78
79
80
-50
-25
0
25
50
75
100 125
Temperature (°C)
Step-down Channel Feedback
vs Temperature
0.45
0.47
0.49
0.51
0.53
0.55
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 3V VCC = 8V
Percenatge Frequency Deviation
From Nominal vs Temperature
-5
-4
-3
-2
-1
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (°C)
ROSC = 40.2KW
ROSC = 51.1KW
ROSC = 66.5KW
Step-down Channel Switching Frequency
vs Temperature
350
400
450
500
550
600
650
-50
-25
0
25
50
75
100
125
Temperature (°C)
ROSC = 40.2KW
ROSC = 51.1KW
ROSC = 66.5KW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com