Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC2441AEVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 12Page - Semtech Corporation SC2441AEVB Datasheet HTML 13Page - Semtech Corporation SC2441AEVB Datasheet HTML 14Page - Semtech Corporation SC2441AEVB Datasheet HTML 15Page - Semtech Corporation SC2441AEVB Datasheet HTML 16Page - Semtech Corporation SC2441AEVB Datasheet HTML 17Page - Semtech Corporation SC2441AEVB Datasheet HTML 18Page - Semtech Corporation SC2441AEVB Datasheet HTML 19Page - Semtech Corporation SC2441AEVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
16
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Typical Characteristics
Phase Shift vs Temperature
0
45
90
135
180
225
-50
-25
0
25
50
75
100
125
Temperature (°C)
ROSC = 66.5KW
R2 = 31.6KW
R2 = 41.2KW
R2 = 61.9KW
R2 = 121KW
fSYNC = 300KHz
Phase Shift vs Temperature
0
45
90
135
180
225
-50
-25
0
25
50
75
100
125
Temperature (°C)
ROSC = 40.2KW
R2 = 36.5KW
R2 = 47.5KW
R2 = 71.5KW
R2 = 143KW
fSYNC = 500KHz
Phase Shift vs Temperature
0
45
90
135
180
225
-50
-25
0
255075
100
125
Temperature (°C)
fSYNC = 400KHz
R2 = 34.8KW
R2 = 46.4KW
R2 = 68.1KW
R2 = 140KW
ROSC = 51.1KW
Upper Gate Driver Transition Time vs Load
Capacitance
0
20
40
60
80
100
01
10
Load Capacitance (nF)
VCC = 12V
tr
tf
25°C
Upper Gate Driver Transition Time vs Load
Capacitance
0
20
40
60
80
100
01
10
Load Capacitance (nF)
VCC = 5V
tr
tf
25°C
Percentage Deviation In
Phase Shift vs Temperature
-25
-20
-15
-10
-5
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
Temperature (°C)
ROSC = 40.2KW
R2 = 36.5KW
R2 = 47.5KW
R2 = 71.5KW
R2 = 143KW
fSYNC = 500KHz
Percentage Deviation In
Phase Shift vs Temperature
-60
-50
-40
-30
-20
-10
0
10
20
30
-50
-25
0
25
50
75
100
125
Temperature (°C)
ROSC = 66.5KW
R2 = 31.6KW
R2 = 41.2KW
R2 = 61.9KW
R2 = 121KW
fSYNC = 300KHz
Percentage Deviation In
Phase Shift vs Temperature
-20
-10
0
10
20
-50
-25
0
255075
100
125
Temperature (°C)
fSYNC = 400KHz
ROSC = 51.1KW
R2 = 34.8KW
R2 = 46.4KW
R2 = 68.1KW
R2 = 140KW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com