Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC2441AEVB Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 20Page - Semtech Corporation SC2441AEVB Datasheet HTML 21Page - Semtech Corporation SC2441AEVB Datasheet HTML 22Page - Semtech Corporation SC2441AEVB Datasheet HTML 23Page - Semtech Corporation SC2441AEVB Datasheet HTML 24Page - Semtech Corporation SC2441AEVB Datasheet HTML 25Page - Semtech Corporation SC2441AEVB Datasheet HTML 26Page - Semtech Corporation SC2441AEVB Datasheet HTML 27Page - Semtech Corporation SC2441AEVB Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
24
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
DCR Current Sensing
Either precision sense resistor or inductor DCR can be
used as the inductor current sensing element.
Figure 12. Current Sensing Circuit.
In Figure 12 SW1 and SW2 represent the MOSFET
switches. CS is the current sense amplifier. I
CS+ and ICS-
are the input bias currents of the CS. L
1 is the output
inductor. R
1 is the DC resistance of L1. R2, R3 and C1
constitute the DCR current sensing network.
Assuming that CS input bias currents are zero and that
R
3 is not used, if the time constant L1/R1 is made equal
to the time constant R
2C1, then the voltage across the
inductor DCR, R
1, will be replicated across C1 in the steady
state (see Figure 13). The following equations apply:
/2
I
I
I
1
L
O
PEAK
L1
D
+
=
.
/2
I
I
I
1
L
O
VALLEY
L1
D
-
=
.
1
L1
C1
R
(t)
I
(t)
V
×
=
where, I
O is the output current and
1
L
I
D is the peak-to-
peak L
1 current ripple. The inductor current can therefore
be sensed by monitoring C
1 voltage. L should be selected
so that the
is between 25% to 33% of the I
O.
However CS input bias currents are not zero. I
CS+ and ICS-
are typically 0.4
µA and 40µA respectively (see electrical
characteristics) and can not be ignored.
Figure 13. Voltage Waveform C
1 and R1
In Figure 12, R
2 and R3 resistive divider attenuates the
sensed signals when I
. The time
constant resulting from L
1 and its DCR R1 is:
Define R
EQU:
The time constant of the DCR sensing network is:
If
τ
C1 = τL1 , then the peak and valley voltages across
C
1will be:
÷
ø
ö
ç
è
æ
D
-
×
+
×
+
×
= +
×
2
I
R
R
R
R
R
I
V
O
3
2
1
3
EQU
CS
VALLEY
C1
L1
I
)
(
I
CS+ therefore introduces an offset error to the sensed
voltage. To reduce this error, R
EQU must be minimized.
Suppose V
IN=5V;
V
OUT=2.5V;
D=50%; I
OUT=20A;
F
SW=500KHz; L1=0.5µH; R1=2mΩ; ICS+=1µA. The output
current limit is set at 28A. The time constant formed by
L
1 and R1 is
1
1
1
L1
C
3
R
2
R
3
R
2
R
0.25ms
R
L
×
+
×
=
=
=
t
5A
I
1
L
=
D
25mV
I
28A
L1
=
÷
ø
ö
ç
è
æ
D
+
×
+
×
+
×
= +
×
2
R
R
R
R
R
I
V
3
2
1
3
EQU
CS
PEAK
C1
)
(
0t
Voltage Drop on R
1--- IL1(t)R1
Voltage on C
1 --- VC1(t)
V
V
C1.PEAK
V
C1.VALLEY
R
1IL1.PEAK
R
1IL1.VALLEY
R
1IO
Applications Information
SC2441A
SW1
SW2
L
1
R
1
R
2
C
1
R
3
+
-
CS
+
V
C1-
C
OUT
R
LOAD
V
IN
I
CS+
I
CS-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com