Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TB62801F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TB62801F
Description  Linear CCD Clock Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62801F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TB62801F Datasheet HTML 1Page - Toshiba Semiconductor TB62801F Datasheet HTML 2Page - Toshiba Semiconductor TB62801F Datasheet HTML 3Page - Toshiba Semiconductor TB62801F Datasheet HTML 4Page - Toshiba Semiconductor TB62801F Datasheet HTML 5Page - Toshiba Semiconductor TB62801F Datasheet HTML 6Page - Toshiba Semiconductor TB62801F Datasheet HTML 7Page - Toshiba Semiconductor TB62801F Datasheet HTML 8Page - Toshiba Semiconductor TB62801F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TB62801F
2006-06-13
4
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ.
Max
Unit
Power supply voltage
VCC
4.7
5.0
5.5
V
Input voltage
VIN
0
VCC
V
Output voltage
VO
0
VCC
V
High level
IOH (O/ O )
−8.0
mA
Output current
excluding
φ,
φ
outputs
Low level
IOL (O/ O)
8.0
mA
High level
IOH (φ/ φ )
−20.0
mA
φ output current
(Note) Low level
IOL (φ/ φ )
20.0
mA
Operating temperature
Topr
−25
25
60
°C
Input rise/fall time
tri/tfi
2.5
5.0
ns
Note: Output current is specified as follows: VCC = 4.7 V, VOH = 4.5 V, VOL = 0.2 V.
Input rise/fall time is specified as 10 % to 90 % of waveform amplitude.
Electrical Characteristics
DC Characteristics (unless otherwise specified, VCC = 4.7 to 5.5 V, Ta = 25 to 60°C)
Characteristic
Symbol
Test
Circuit
Test Condition
VCC
Min
Typ.
Max
Unit
High
VIH
4.7
2.0
VCC
Input voltage
Low
VIL
1, 2
4.7
0
0.8
V
Input clamp voltage
VIK
3
IIK = −30 mA
4.7
1.0
V
IOH = −10 mA
4.7
4.5
VCC
IOH = −50 mA
4.7
4.0
VCC
VOH (φ/ φ )
4, 5
IOH = −300 mA
4.7
2.5
VCC
IOL = 100 µA
4.7
0
0.2
IOL = 50 mA
4.7
0
0.5
φ output voltage
VOL (φ/ φ )
6, 7
IOL = 300 mA
4.7
0
2.5
V
IOH (O / O) = −4 mA
4.7
4.5
VCC
VOH (O/ O)
4, 5
IOH (O / O) = −16 mA
4.7
4.0
VCC
IOL (O / O ) = 4 mA
4.7
0
0.2
Output voltage excluding
φ, φ outputs
VOL (O/ O)
6, 7
IOL (O / O) = 16 mA
4.7
0
0.5
V
Input voltage
IIN
8
VIN = VCC or GND
5.5
1.0
µA
Total
ICC
9
φ outputs: High or Low
φ outputs: Low or High
Other outputs are High
5.5
15.0
Static current
consumption
Each bit
∆ICC
10
One input: VIN = 0.5 V
Other inputs: VCC or GND
1.5
mA
Output off mode supply
voltage
VPOR
See description on next page.
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com