Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TB62801F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TB62801F
Description  Linear CCD Clock Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62801F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TB62801F Datasheet HTML 1Page - Toshiba Semiconductor TB62801F Datasheet HTML 2Page - Toshiba Semiconductor TB62801F Datasheet HTML 3Page - Toshiba Semiconductor TB62801F Datasheet HTML 4Page - Toshiba Semiconductor TB62801F Datasheet HTML 5Page - Toshiba Semiconductor TB62801F Datasheet HTML 6Page - Toshiba Semiconductor TB62801F Datasheet HTML 7Page - Toshiba Semiconductor TB62801F Datasheet HTML 8Page - Toshiba Semiconductor TB62801F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TB62801F
2006-06-13
1
TOSHIBA Bi-CMOS Integrated Circuit Silicon Monolithic
TB62801F
Linear CCD Clock Driver
TB62801F is a clock distribution driver for CCD linear image
sensors.
The IC can functionally drive the CCD input capacitance. It
also supports inverted outputs, eliminating the need for
crosspoint control.
The IC contains a 1 to 4 clock distribution driver for the main
clock and 4-bit buffers for control signals.
Features
• High drivability: Guaranteed driving 450 [pF] load
capacitance @fclock = 20 [MHz]
• Operating temperature range: Ta = −25°C to 60°C
Pin Connection (top view)
Weight: 0.5 g (typ.)
1
2
3
4
16
5
6
7
8
15
14
13
12
11
10
9
2B_in
CP_in
VCC
GND
VCC
CK_in
SH_in
RS_in
2B_out
CP_out
φ
φ
GND
φ
φ
SH_out
RS_out
2B_ out


Similar Part No. - TB62801F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62801FG TOSHIBA-TB62801FG Datasheet
366Kb / 21P
Linear CCD Clock Driver
More results

Similar Description - TB62801F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66700P MITSUBISHI-M66700P Datasheet
71Kb / 4P
DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Sanyo Semicon Device
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
CCD Clock Driver
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
CCD Clock Driver?
logo
Sony Corporation
CXD1267AN SONY-CXD1267AN Datasheet
124Kb / 8P
CCD Vertical Clock Driver
CXD1268M SONY-CXD1268M Datasheet
112Kb / 7P
CCD Vertical Clock Driver
CXD3400N SONY-CXD3400N Datasheet
84Kb / 8P
6-channel CCD Vertical Clock Driver
logo
Toshiba Semiconductor
TB62801FG TOSHIBA-TB62801FG Datasheet
366Kb / 21P
Linear CCD Clock Driver
logo
Sanyo Semicon Device
LV5609LP SANYO-LV5609LP_10 Datasheet
127Kb / 8P
For CCD Vertical Clock Driver
logo
ON Semiconductor
LV5609V ONSEMI-LV5609V Datasheet
96Kb / 8P
Vertical Clock Driver for CCD
August, 2013
LV5609LP ONSEMI-LV5609LP Datasheet
97Kb / 8P
Vertical Clock Driver for CCD
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com