Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TB62801F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TB62801F
Description  Linear CCD Clock Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62801F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TB62801F Datasheet HTML 1Page - Toshiba Semiconductor TB62801F Datasheet HTML 2Page - Toshiba Semiconductor TB62801F Datasheet HTML 3Page - Toshiba Semiconductor TB62801F Datasheet HTML 4Page - Toshiba Semiconductor TB62801F Datasheet HTML 5Page - Toshiba Semiconductor TB62801F Datasheet HTML 6Page - Toshiba Semiconductor TB62801F Datasheet HTML 7Page - Toshiba Semiconductor TB62801F Datasheet HTML 8Page - Toshiba Semiconductor TB62801F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TB62801F
2006-06-13
5
Output Low-Level Fixed Mode at Power On
To avoid malfunction at power on, this IC incorporates the following functions:
• All outputs are fixed to low level until VCC reaches more than 3 V.
• When VCC reaches 3 V (typ.), the internal logic depends on input signals.
• VCC must be more than 4.7 V for normal operation.
AC Characteristics (input transition rise or fall time: tr/tf = 2.5 ns)
Normal Temperature/
VCC = 5.0 V
All
Temperatures/
VCC = 4.7 to
5.5 V
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Min
Max
Unit
Reference
Measurement
Diagram
CL = 450 pF
7.0
10.0
14.0
7.0
16.0
tpLH (φ/ φ )
CL = 350 pF
6.0
9.0
13.0
6.0
15.0
CL = 450 pF
7.0
10.0
14.0
7.0
16.0
tpHL (φ/ φ )
CL = 350 pF
6.0
9.0
13.0
6.0
15.0
ns
Measurement
diagram 1
CL = 30 pF
3.0
5.0
7.0
2.5
8.0
tpLH (O/ O)
CL = 15 pF
2.0
4.0
6.0
1.5
7.0
CL = 30 pF
3.0
5.0
7.0
2.5
8.0
Propagation delay time
tpHL (O/ O )
CL = 15 pF
2.0
4.0
6.0
1.5
7.0
ns
Measurement
diagram 2
Output skew excluding
φ, φ outputs
to (skw)
CL = 30 pF
0
2.0
2.0
ns
Measurement
diagram 3
Output crosspoints
(
φ1/φ2)
VT (crs)
CL = 300 to
450 pF
1.5
V
Measurement
diagram 4
Power
VCC
DUT
Output signal waveform
Pulse
generator
Additional circuit (P.O.R) test circuit
Output signal waveform
GND
Supply voltage
3 V
VCC
Time
Low-level state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com