Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TB62801F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TB62801F
Description  Linear CCD Clock Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62801F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TB62801F Datasheet HTML 3Page - Toshiba Semiconductor TB62801F Datasheet HTML 4Page - Toshiba Semiconductor TB62801F Datasheet HTML 5Page - Toshiba Semiconductor TB62801F Datasheet HTML 6Page - Toshiba Semiconductor TB62801F Datasheet HTML 7Page - Toshiba Semiconductor TB62801F Datasheet HTML 8Page - Toshiba Semiconductor TB62801F Datasheet HTML 9Page - Toshiba Semiconductor TB62801F Datasheet HTML 10Page - Toshiba Semiconductor TB62801F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TB62801F
2006-06-13
7
Reference Data (typ. value)
1.6
0.0
0
25
150
0.2
0.4
0.6
0.8
1.4
100
1.0
Mounted on test board
IC only
Note: Test board:
50 mm
× 50 mm
glass-epoxyboard.
1.2
50
125
75
1.4
0.0
0.0E
+ 0
5.0E
+ 6
1.0E
+ 7
2.0E
+ 7
0.2
0.4
0.6
0.8
1.2
1.5E
+ 7
1.0
Power dissipation
Rise in temperature
Note:
CL (φ/ φ ) = 450 pF,
CL = (O/ O ) = 30 pF
Output amplitude
= 4.5 V
Supply voltage
= 5.5 V
Mounted on
50 mm
× 50 mm
glass-epoxy board
0
100
20
40
60
80
120
0
50
100
150
250
300
400
450
20
40
60
80
100
200
350
Note: Maximum operating frequency:
Under specified load conditions,
the frequency when the pulse width of the
output signal matches that of the input signal; or
the frequency at which the specified amplitude is
obtained. Note that light-load bits are fixed to a
capacitance of 30 pF.
Note: Propagation delay time is
specified in accordance
with the attached sheet.
VCC = 5.0 V, Ta = 25°C,
tri/tfi = 2.5 ns
12
4
50
150
250
350
450
550
650
5
6
7
8
9
10
11
Capacitance (pF)
tpLH (φ), tpHL (φ) – CL
(characteristics of 1-output,
other outputs: no load)
Capacitance (pF)
Load capacitance versus maximum
operating frequency (all bits in operation)
VCC = 5.0 V, Ta = 25°C, tri/tfi = 2.5 ns
Frequency (Hz)
Frequency versus power dissipation,
temperature
(@all outputs: maximum load capacitance)
Ta (°C)
PD – Ta
Low-level output voltage VOL (V)
φ/ φ output
IOL – VOL
High-level output voltage VOH (V)
φ/ φ output
IOH – VOH
1.0
0.0
0.0
1.0
5.0
0.2
0.4
0.8
3.0
0.6
2.0
4.0
Ta
= 25°C
VCC = 4.7 V
0.0
−1.0
−5.0
−4.0
0.0
−0.8
−0.6
−0.2
−2.0
−0.4
−3.0
−1.0
Ta
= 25°C
VCC = 4.7 V
(*) Subtract amplitude voltage
with VCC as reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com