Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TB62801F Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TB62801F
Description  Linear CCD Clock Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62801F Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TB62801F Datasheet HTML 6Page - Toshiba Semiconductor TB62801F Datasheet HTML 7Page - Toshiba Semiconductor TB62801F Datasheet HTML 8Page - Toshiba Semiconductor TB62801F Datasheet HTML 9Page - Toshiba Semiconductor TB62801F Datasheet HTML 10Page - Toshiba Semiconductor TB62801F Datasheet HTML 11Page - Toshiba Semiconductor TB62801F Datasheet HTML 12Page - Toshiba Semiconductor TB62801F Datasheet HTML 13Page - Toshiba Semiconductor TB62801F Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TB62801F
2006-06-13
10
VOH ( O /
φ )
VOL (O/φ)
1
2
3
4
16
5
6
7
8
15
14
13
12
11
10
9
4.7 V
V
O output:
−4/−16 mA
φ output: −10/−50/−300 mA
1
2
3
4
16
5
6
7
8
15
14
13
12
11
10
9
4.7 V
O output: 4/16 mA
φ output: 100 µA/50/300 mA
V
4.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com