Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9959 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 4Page - STMicroelectronics L9959 Datasheet HTML 5Page - STMicroelectronics L9959 Datasheet HTML 6Page - STMicroelectronics L9959 Datasheet HTML 7Page - STMicroelectronics L9959 Datasheet HTML 8Page - STMicroelectronics L9959 Datasheet HTML 9Page - STMicroelectronics L9959 Datasheet HTML 10Page - STMicroelectronics L9959 Datasheet HTML 11Page - STMicroelectronics L9959 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Pins description
L9959
8/49
DocID027540 Rev 3
Figure 4. PSSO36 (Single version) pin connection (top view)
2.1
Pin definitions and functions
Table 2. L9959S PSSO24 pin-out
Pin
Symbol
Function
1, 4,
12, 13,
14, 16,
22, 24
NC
To be connected to GND on PCB.
2
PGND
Power Ground
3
OUT1
Bridge output 1 and 2:
The bridge outputs are built of a high-side p-channel and a low-side N-channel transistor.
5
SCK
Serial clock input:
This input controls the internal shift register of the SPI.
6SS
Slave Select input:
The serial data transfer between the device and the micro controller is enabled by pulling
the input SS to low level.
7SI
Slave in (Serial data input):
The input receives serial data from the microcontroller.
8SO
Slave Out (Serial data output):
The diagnosis data is available via the SPI through this tristate-output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com