Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9959 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 24Page - STMicroelectronics L9959 Datasheet HTML 25Page - STMicroelectronics L9959 Datasheet HTML 26Page - STMicroelectronics L9959 Datasheet HTML 27Page - STMicroelectronics L9959 Datasheet HTML 28Page - STMicroelectronics L9959 Datasheet HTML 29Page - STMicroelectronics L9959 Datasheet HTML 30Page - STMicroelectronics L9959 Datasheet HTML 31Page - STMicroelectronics L9959 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Application information
L9959
28/49
DocID027540 Rev 3
4.2.4
Short to battery (SCB) and short to Ground (SCG)
While the power stages are on, the current through them is monitored. If the output current
reaches the current limit IL, the output is switched off after the blanking time tb. In case the
current reaches the limit IOC during this time, a short to battery (SCB) on low-sides or a short
to ground (SCG) on high-sides is diagnosed, and the affected output driver is switched off
immediately, the not affected one after the time tDF_del.
In order to confirm this error, the outputs are turned on again. If the error is detected for the
second time, it is confirmed but it is still not possible to determine to which of the following
types belongs to:
SCB and SCL
SCG and SCL
To discriminate the fault type, it is necessary to turn outputs on for the third time, and in case
the fault is detected, the diagnosis register (DIA_REG1) is updated consequently and the
device is disabled. Otherwise, the SCG and SCB faults are confirmed only.
Figure 18. Current limiting and short circuit
The three different over-current limits are related to the programmable current limitation,
which can be programmed into the SPI register (Table 33: Configuration register
(CONFIG_REG)). The over-current limits are independent of the resistor at pin CF.
Note:
SCG: Fault Detection works correctly if the following condition is respected: Duty (switch on
time) > Tdon + Slew rate + tDF.
4.2.5
Short circuit over load (SCL)
Short circuit over load (SCL) is diagnosed by a retest sequence after a short to battery
(SCB) or a short to ground (SCG) has been detected and confirmed by a retry on the
switched-on high-side and low-side driver. Then after the time tretest, the opposite driver is
switched off (i.e. the high-side in case of a short to battery on the low-side and vice versa). If
the failure then disappears, a short over load (SCL) is detected.
The error is only entered into the diagnosis register and the device is disabled, if it is
confirmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com