Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9959 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 27Page - STMicroelectronics L9959 Datasheet HTML 28Page - STMicroelectronics L9959 Datasheet HTML 29Page - STMicroelectronics L9959 Datasheet HTML 30Page - STMicroelectronics L9959 Datasheet HTML 31Page - STMicroelectronics L9959 Datasheet HTML 32Page - STMicroelectronics L9959 Datasheet HTML 33Page - STMicroelectronics L9959 Datasheet HTML 34Page - STMicroelectronics L9959 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
DocID027540 Rev 3
31/49
L9959
Application information
48
4.8
Power-on reset
At power-on, while VDD increases, the internal registers are cleared and the outputs are set
to tristate at the reset-active voltage VDDRES. Above the power-on reset threshold VDDPOR
the device starts to operate after the time tPOR. If VDD drops below VDDPOR, the device
enters its reset state, i.e. all internal registers are cleared and the outputs are set to tristate.
Note:
All voltages are nominal. Please refer to Section 3: Electrical specifications for their
specified values.
Table 23. Device states with respect to supply voltage
VS [V]
VDD [V]
Functional state
28 – 40
0 – 18
No damage to the device, no functional behavior guaranteed
4.5 – 6.5
4.5 – 5.5
Device functional, Current Feedback accuracy reduced
6.5 – 28
4.5 – 5.5
Device functional
4.5 – 28
4.0 – 4.5 5.5 - 18
Device functional, but power-outputs tristate by VDD-monitor, /ABE
pulled to low, SPI functional
0 – 4.5 4.5 – 28
VDDPOR – 4.5 Device in reset mode, SPI functional, power-outputs tristate, /ABE pulled to low
0 – 4.5 4.5 – 28
2.5 - VDDPOR
Device in reset mode, SPI reset, power-outputs tristate, /ABE tristate
0 – 4.5
4.5 – 5.5
Device functional, outputs are tristate by VS-undervoltage
0 – 4.5
4.0 – 4.5 5.5 - 18
Device functional, outputs are tristate by VS-undervoltage and VDD-
monitor, /ABE pulled to low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com