Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9959 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 7Page - STMicroelectronics L9959 Datasheet HTML 8Page - STMicroelectronics L9959 Datasheet HTML 9Page - STMicroelectronics L9959 Datasheet HTML 10Page - STMicroelectronics L9959 Datasheet HTML 11Page - STMicroelectronics L9959 Datasheet HTML 12Page - STMicroelectronics L9959 Datasheet HTML 13Page - STMicroelectronics L9959 Datasheet HTML 14Page - STMicroelectronics L9959 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
DocID027540 Rev 3
11/49
L9959
Pins description
48
25
CF2
Current Proportional Feedback output:
The CF pin provides in conjunction with an external resistor an output current, which is
proportional to the H-Bridge current. CF1 belongs to OUT11 and OUT12, CF2 to OUT21
and OUT22.
26
/ABE2
Bidirectional Ability/Enable Pin 2:
Open-Drain Output, which is pulled low in case of VDD over- and under-voltage. If the input
is pulled to low, all output stages are switched off. /ABE2 belongs to chip 2.
27
GNDABE2
Sense Ground for VDD monitoring
30
VDD1(2)
VDD Supply: 5V Supply.
31, 32
VS1(3)
Power supply voltage for power stage outputs (external reverse protection required):
Important: For the capability of driving the full current at the outputs all pins of VS must be
externally connected.
33
DIS1
Disable input 1:
DIS1 switches OUT11 and OUT12 to tristate
34
DIR1
Direction input 1:
DIR1 pin controls the switch direction of OUT11 and OUT12.
35
PWM1
PWM input 1:
PWM1 input switches OUT11 and OUT12.
36
OUT12
Bridge output 11, 12, 21, and 22:
The bridge outputs are built of a high-side p-channel and a low-side N-channel transistor.
The bridge outputs of chip 1 are OUT11 and OUT12, of chip 2 OUT21 and OUT22.
EP
AGND(4)
Exposed PAD: connected to AGND
1. Pins 1 is referred to die 1, whereas 19 is referred to die 2.
2. Pins 12 is referred to die 2, whereas 30 is referred to die 1.
3. Pins 13 and 14 are referred to die 2, whereas pins 31 and 32 are referred to die1.
4. Pins 10 is referred to die 2, whereas 28 is referred to die 1.
Table 3. L9959T (Two H-Bridge drivers in one package) PSSO36 pin-out (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com