Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9959 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 28Page - STMicroelectronics L9959 Datasheet HTML 29Page - STMicroelectronics L9959 Datasheet HTML 30Page - STMicroelectronics L9959 Datasheet HTML 31Page - STMicroelectronics L9959 Datasheet HTML 32Page - STMicroelectronics L9959 Datasheet HTML 33Page - STMicroelectronics L9959 Datasheet HTML 34Page - STMicroelectronics L9959 Datasheet HTML 35Page - STMicroelectronics L9959 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
SPI functional description
L9959
32/49
DocID027540 Rev 3
5
SPI functional description
5.1
General description
The SPI communication is based on a Serial Peripheral Interface structure using SS (SPI
Select), SI (Serial Data In), SO (Serial Data Out) and SCK (Serial Clock) signal lines. The
first data at pin SI is latched into the device with the first falling edge of the clock SCK after
the clock has changed from low to high, which is the second edge after SPI-Select has been
pulled to low.
5.1.1
SPI select (SS)
The SS input pin is used to select the serial interface of this device. When SS is high, the
output pin (SO) is in high impedance state. A low signal starts the serial communication. A
communication frame is the time between the falling edge of SS and its rising edge.
5.1.2
Serial data In (SI)
The SI input pin is used to transfer data serially into the device. The data applied to the SI is
sampled at the falling edge of the SCK signal.
5.1.3
Serial clock (SCK)
The Data Input (SI) is latched at the falling edge of Serial Clock SCK. Data on Serial Data
Out (SO) is shifted out at the rising edge of the serial clock (SCK). The serial clock SCK
must be active only during a frame (SS low).
5.1.4
Serial out (SO)
The content of the selected status or control register is transferred out of the device using
the SO pin on the rising edge of SCK. Each subsequent rising edge of the SCK will shift the
next bit out.
5.1.5
SPI communication flow
The SPI communication is started by sending an SPI instruction to the device beginning with
the MSB. The first two bits of this instruction are used as a device identifier (see Table 24:
SPI instruction byte). Whether the transfer is a read or a write access is determined by the
SPI command (see Table 26: Command overview). The SPI data is transmitted from the
device at the same time as the data is received, although on different SCK edges. While the
8-bit instruction is sent, the device responds with the check byte. Since the first two bits of
the instruction are used as a device identifier, the first two bits of the check byte are tristate.
This avoids bus conflicts on the SO line. During a write access, the 8-bit data byte is
received after the instruction byte. The device responds with 00H. In a read cycle the device
sends the 8-bit data, while the receive data bits are ignored (see Figure 19: Write access
and Figure 20: Read access). If an invalid instruction is detected, the register of the device
are not modified and the data byte FFH is transmitted instead of the data or 00H respectively.
The bit TRANS_F in the check byte is set in case of an invalid instruction and transmitted
during the next SPI-access. An instruction is invalid, if an unused instruction code is
detected, the previous transmission has not been completed or the number of clocks is not
equal to 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com