| Electronic Components Datasheet Search |
|
ST20-C1 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-C1 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 205 page ![]() 3.4 Instruction encoding 24/205 ® pointer by any amount in one step without needing a series of increments or decrements. On calling a function or procedure, the Wptr is normally decreased to a lower address to allocate space for the parameters and local variables of the function. This is performed using the instruction ajw. The Wptr is returned to its initial value before returning from the function to free the local work space. 3.3.4 The task descriptor The task descriptor Tdesc points to the process descriptor block for the currently executing process. The value held in the Tdesc becomes the process identifier when the process is not executing. The process descriptor block is a block of memory whose contents depend on the state of the process. It will generally hold the saved Wptr and Iptr for the process, and may hold a link to the next process if the process is in a queue of waiting processes. The process descriptor block is described in section 7.2. 3.3.5 IO register The bits of the IOreg are mapped to external connections on the ST20-C1 core. They may be used to signal to, or read signals from, peripherals on or off chip. The io instruction is used to read and write to the IOreg and is described in section 4.11. The IOreg is global, and remains unchanged by any context switch. The bits of the IOreg are defined in Table 3.3. In some ST20 variants, some bits of the IO register may be reserved for system use. The reserved bits will be the most significant bits of the appropr iate half word. The number of any such bits is given in the data sheet for each variant. 3.4 Instruction encoding The ST20-C1 is a zero-address machine. Instruction operands are always implicit and no bits are needed in the instruction representation to carry address or operand location information. This results in very short instructions and exceptionally high code density. The instruction encoding is designed so that the most commonly executed instructions occupy the least number of bytes. This reduces the size of the code, which saves memory and reduces the memory bandwidth needed for instruction fetching. This section describes the encoding mechanism. A sequence of single byte instruction components is used to encode an instruction. The ST20 interprets this sequence at the instruction fetch stage of execution. Most Bits Purpose 0-15 Output data 16-31 Input data Table 3.3 IOreg bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |