Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-C1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 2Page - STMicroelectronics ST20-C1 Datasheet HTML 3Page - STMicroelectronics ST20-C1 Datasheet HTML 4Page - STMicroelectronics ST20-C1 Datasheet HTML 5Page - STMicroelectronics ST20-C1 Datasheet HTML 6Page - STMicroelectronics ST20-C1 Datasheet HTML 7Page - STMicroelectronics ST20-C1 Datasheet HTML 8Page - STMicroelectronics ST20-C1 Datasheet HTML 9Page - STMicroelectronics ST20-C1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 205 page
background image
2.1 Instruction listings
6/205
®
2
Notation
This chapter describes the notation used throughout this manual, including the
meaning of the instruction listings and the meanings and values of constants.
2.1
Instruction listings
The instructions are listed in alphabetical order, one to a page. Descriptions are
presented in a standard format with the instruction mnemonic and full name of the
instruction at the top of the page, followed by these categories of information:
• Code: the instruction code;
• Description: a brief summary of the purpose and behavior of the instruction;
• Definition: a more formal and complete description of the instruction, using
the notation described below in section 2.2;
• Status Register: a list of errors and other changes to the Status Register
which can occur;
• Comments: a list of other important features of the instruction;
• See also: cross references are provided to other instructions with related func-
tions.
These categories are explained in more detail below, using the
and instruction as an
example.
2.1.1
Instruction name
The header at the top of each page shows the instruction mnemonic and, on the right,
the full name of the instruction. For primary instructions the mnemonic is followed by
‘n’ to indicate the operand to the instruction; the same notation is used in the descrip-
tion to show how the operand is used. An explanation of the primary and secondary
instruction formats is given in section 3.4.
2.1.2
Code
The code of the instruction is the value that would appear in memory to represent the
instruction.
For secondar y instructions the instruction ‘operation code’ is shown as the memory
code — the actual bytes, including any prefixes, which are stored in memory. The
value is given as a sequence of bytes in hexadecimal, decoded left to right. The codes
are stored in memory in ‘little-endian’ format, with the first b yte at the lowest address.
For example, the entry for the
and instruction is:
Code:F9
This means that the hexadecimal byte value F9 would appear in memory for an
and.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com