Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-C1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 23Page - STMicroelectronics ST20-C1 Datasheet HTML 24Page - STMicroelectronics ST20-C1 Datasheet HTML 25Page - STMicroelectronics ST20-C1 Datasheet HTML 26Page - STMicroelectronics ST20-C1 Datasheet HTML 27Page - STMicroelectronics ST20-C1 Datasheet HTML 28Page - STMicroelectronics ST20-C1 Datasheet HTML 29Page - STMicroelectronics ST20-C1 Datasheet HTML 30Page - STMicroelectronics ST20-C1 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 205 page
background image
27/205
3 Architecture
®
The mnemonics and names for the primary instructions are listed in Table 3.5.
3.4.4
Secondary instructions
The ST20 encodes all other instructions, known as
secondary instructions, indirectly
using the instruction data value.
The function code
opr causes the instruction data value to be interpreted as the
operation code of the instruction to be executed. This selects an operation to be
performed on the values held in the evaluation stack, so that a further 16 operations
can be encoded in a single byte instruction. The
pfix instruction component can be
used to extend the instruction data value, allowing any number of operations to be
encoded.
Secondary instructions do not have an operand specified b y the encoding, because
the instruction data value has been used to specify the operation.
To ensure that programs are represented as compactly as possible, the operations are
encoded in such a way that the most frequently used secondary instructions are
represented without using prefix instructions.
For example, the instruction
add is encoded by:
opr 4
The instruction
and is encoded by:
opr F9
mnemonic
name
adc n
add constant
ajw n
adjust work space
fcall n
function call
cj n
conditional jump
eqc n
equals constant
jn
jump
ldc n
load constant
ldl n
load local
ldlp n
load local pointer
ldnl n
load non-local
ldnlp n
load non-local pointer
stl n
store local
stnl n
store non-local
Table 3.5 Primary instructions
mnemonic
name
opr n
operate
Table 3.6 Operate instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com