Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISPCLOCK5600A Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # ISPCLOCK5600A
Description  In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPCLOCK5600A Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button ISPCLOCK5600A Datasheet HTML 35Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 36Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 37Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 38Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 39Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 40Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 41Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 42Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Lattice Semiconductor
ispClock5600A Family Data Sheet
1-39
For ispClock5600A, the instruction word length is eight bits. All ispClock5600A instructions available to users are
shown in Table 1-6.
The following table lists the instructions supported by the ispClock5600A JTAG Test Access Port (TAP) controller:
Table 1-6. ispClock5600A TAP Instruction Table
BYPASS is one of the three required instructions. It selects the Bypass Register to be connected between TDI and
TDO and allows serial data to be transferred through the device without affecting the operation of the
ispClock5600A. The IEEE 1149.1 standard defines the bit code of this instruction to be all ones (111111).
The required SAMPLE/PRELOAD instruction dictates the Boundary-Scan Register be connected between TDI
and TDO. The bit code for this instruction is defined by Lattice as shown in Table 1-6.
The EXTEST (external test) instruction is required and will place the device into an external boundary test mode
while also enabling the boundary scan register to be connected between TDI and TDO. The bit code of this instruc-
tion is defined by the 1149.1 standard to be all zeros (000000).
The optional IDCODE (identification code) instruction is incorporated in the ispClock5600A and leaves it in its func-
tional mode when executed. It selects the Device Identification Register to be connected between TDI and TDO.
The Identification Register is a 32-bit shift register containing information regarding the IC manufacturer, device
type and version code (Figure 1-33). Access to the Identification Register is immediately available, via a TAP data
scan operation, after power-up of the device, or by issuing a Test-Logic-Reset instruction. The bit code for this
instruction is defined by Lattice as shown in Table 1-6.
Instruction
Code
Description
EXTEST
0000 0000
External Test.
ADDRESS_SHIFT
0000 0001
Address register (10 bits)
DATA_SHIFT
0000 0010
Address column data register (89 bits)
BULK_ERASE
0000 0011
Bulk Erase
PROGRAM
0000 0111
Program column data register to E
2
PROGRAM_SECURITY
0000 1001
Program Electronic Security Fuse
VERIFY
0000 1010
Verify column
DISCHARGE
0001 0100
Fast VPP Discharge
PROGRAM_ENABLE
0001 0101
Enable Program Mode
IDCODE
0001 0110
Address Manufacturer ID code register (32 bits)
USERCODE
0001 0111
Read UES data from E
2 and addresses UES register (32 bits)
PROGRAM_USERCODE
0001 1010
Program UES register into E
2
PROGRAM_DISABLE
0001 1110
Disable Program Mode
HIGHZ
0001 1000
Force all outputs to High-Z state
SAMPLE/PRELOAD
0001 1100
Capture current state of pins to boundary scan register
CLAMP
0010 0000
Drive I/Os with boundary scan register
INTEST
0010 1100
Performs in-circuit functional testing of device.
ERASE DONE
0010 0100
Erases the ‘Done’ bit only
PROG_INCR
0010 0111
Program column data register to E
2 and auto-increment address register
VERIFY_INCR
0010 1010
Load column data register from E
2 and auto-increment address register
PROGRAM_DONE
0010 1111
Programs the ‘Done’ Bit
NOOP
0011 0000
Functions Similarly to CLAMP instruction
BYPASS
1xxx xxxx
Bypass - Connect TDO to TDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com