Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISPCLOCK5600A Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ISPCLOCK5600A
Description  In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPCLOCK5600A Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ISPCLOCK5600A Datasheet HTML 2Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 3Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 4Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 5Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 6Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 7Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 8Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 9Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Lattice Semiconductor
ispClock5600A Family Data Sheet
1-6
DC Electrical Characteristics – LVDS
DC Electrical Characteristics – Differential LVPECL
Electrical Characteristics – Differential SSTL18
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VICM
Common Mode Input Voltage
VTHD ≤ 100mV
VTHD/2
2.0
V
VTHD ≤ 150mV
VTHD/2
2.325
V
VTHD
Differential Input Threshold
±100
mV
VIN
Input Voltage
0
2.4
V
VOH
Output High Voltage
RT = 100Ω
1.375
1.60
V
VOL
Output Low Voltage
RT = 100Ω
0.9
1.03
V
VOD
Output Voltage Differential
RT = 100Ω
250
400
480
mV
ΔVOD
Change in VOD Between H and L
50
mV
VOS
Output Voltage Offset
Common Mode Output Voltage
1.10
1.20
1.375
V
ΔVOS
Change in VOS Between H and L
50
mV
ISA
Output Short Circuit Current
VOD = 0V, Outputs Shorted to GND
24
mA
ISAB
Output Short Circuit Current
VOD = 0V, Outputs Shorted to Each Other
12
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VIH
Input Voltage High
VCCD = 3.0 to 3.6V
VCCD - 1.17
VCCD - 0.88
V
VCCD = 3.3V
2.14
2.42
VIL
Input Voltage Low
VCCD = 3.0 to 3.6V
VCCD - 1.81
VCCD - 1.48
V
VCCD = 3.3V
1.49
1.83
VOH
Output High Voltage
1
VCCO = 3.0 to 3.6V
VCCO - 1.07
VCCO - 0.88
V
VCCO = 3.3V
2.23
2.42
VOL
Output Low Voltage
1
VCCO = 3.0 to 3.6V
VCCO - 1.81
VCCO - 1.62
V
VCCO = 3.3V
1.49
1.68
1. 100Ω differential termination.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCCO
Output Supply Voltage
1.71
1.8
1.89
V
VIL
Low-Logic Level Input Voltage
0.61
V
VIH
Hi Logic Level Input Voltage
1.17
V
VSWING
AC Differential Output Voltage
0.64
V
VIX
Input Pair Differential Crosspoint
Voltage
VREF -175mV
VREF +175mV
V
TCKD
Clock Duty Cycle
Load Conditions
(Figure 1-6)
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com