Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISPCLOCK5600A Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # ISPCLOCK5600A
Description  In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPCLOCK5600A Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button ISPCLOCK5600A Datasheet HTML 17Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 18Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 19Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 20Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 21Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 22Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 23Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 24Page - Lattice Semiconductor ISPCLOCK5600A Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Lattice Semiconductor
ispClock5600A Family Data Sheet
1-21
Figure 1-14. ispClock5600A Clock Reference and Feedback Input Structure (REFA+/- Pair Shown)
The following usage guidelines are suggested for interfacing to supported logic families.
LVTTL (3.3V), LVCMOS (1.8V, 2.5V, 3.3V)
The receiver should be set to LVCMOS or LVTTL mode, and the input signal should be connected to the ‘+’ termi-
nal of the input pair (e.g. REFA+). The ‘-’ input terminal should be connected to GND. In addition, REFVTT should
also be tied to GND. CMOS transmission lines are generally source terminated, so all termination resistors should
be set to the OPEN state. Figure 1-15 shows the proper configuration. Please note that because switching thresh-
olds are different for LVCMOS running at 1.8V, there is a separate configuration setting for this particular standard.
Figure 1-15. LVCMOS/LVTTL Input Receiver Configuration
HSTL, eHSTL, SSTL2, SSTL3
The receiver should be set to HSTL/SSTL mode, and the input signal should be fed into the ‘+’ terminal of the input
pair. The ‘-’ input terminal should be tied to the appropriate VREF value, and the associated REFVTT or FBKVTT
terminal should be tied to a VTT termination supply. The positive input’s terminating resistor should be engaged and
set to 50Ω. Figure 1-16 shows an appropriate configuration. Refer to the “Recommended Operating Conditions -
Supported Logic Standards” table in this data sheet for suitable values of VREF and VTT. If one of the REF or FBK
R
T
R
T
REFA-
REFA+
REFVTT
To Internal
Logic
Single-ended
ispClock5600A
Receiver
Differential
Receiver
R
T
OPEN
REFA+
REFA-
REFVTT
Single-ended
Receiver
GND
GND
Signal In
ispClock5600A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com