Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM6670AS Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM6670AS
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670AS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM6670AS Datasheet HTML 3Page - STMicroelectronics PM6670AS Datasheet HTML 4Page - STMicroelectronics PM6670AS Datasheet HTML 5Page - STMicroelectronics PM6670AS Datasheet HTML 6Page - STMicroelectronics PM6670AS Datasheet HTML 7Page - STMicroelectronics PM6670AS Datasheet HTML 8Page - STMicroelectronics PM6670AS Datasheet HTML 9Page - STMicroelectronics PM6670AS Datasheet HTML 10Page - STMicroelectronics PM6670AS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
PM6670AS
Pin settings
7/54
18
VCC
+5 V Low-side gate driver supply. Bypass with a 100 nF capacitor to PGND.
19
CSNS
Current Sense Input for the switching section. This pin must be connected
through a resistor to the drain of the synchronous rectifier (RDSon sensing)
20
PHASE
Switch Node Connection and return path for the High-side Gate Driver.
21
HGATE
High-side Gate Driver Output
22
BOOT
Bootstrap Capacitor Connection. Positive supply input of the High-side Gate
Driver.
23
LDOIN
Linear Regulator Input. Connect to VDDQ in normal configuration or to a
lower supply to reduce the power dissipation. A 10
µF bypass ceramic
capacitor is suggested for noise rejection enhancement. See Device
Description section for more details.
24
VTT
LDO Linear Regulator Output. Bypass with a 20
µF (2x10 µF MLCC) filter
capacitor.
Table 2.
Pin functions (continued)
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com